Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CET6-R Datasheet(PDF) 26 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CET6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CET6-R Datasheet(HTML) 26 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CET6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
www.g eeh y.co m
Pag e 25
block includes system memory area and option byte; the system memory area stores
BootLoader, 96-bit unique device ID and capacity information of main memory area; the system
memory area has been written into the program and cannot be erased.
Table5 On-chip Memory Area
Memory
Maximum
capacity
Function
Main memory
area
512 KB
Store user programs and data.
SRAM
128 KB
CPU can access at 0 waiting cycle (read/write).
System memory
area
2KB
Store BootLoader, 96-bit unique device ID, and main memory area
capacity information
Option byte
16Bytes
Configure main memory area read-write protection and MCU working
mode
4.4.1.
External Memory Controller(EMMC)
EMMC includes SMC (static memory controller) and DMC (dynamic memory controller). SMC is
responsible for controlling SRAM, PSRAM, NandFlash, NorFlash and PCCard; DMC is
responsible for controlling SDRAM.
Function:
⚫
Three EMMC interrupt sources,through logic or connected to the NVIC list
⚫
Write FIFO
⚫
Code could run on external storage besides NAND Flash and PC card
⚫
Connect with LCD
4.4.2.
LCD parallel interface
EMMC can be configured to the seamless connection with most graphic LCD controller, it
supports the Intel 8080 and Motorola 6800 model, and can be flexibly with specific LCD
interface. Using the parallel interface LCD can be easily build simple graphics applications, or
use a special scheme of high performance speed controller.
4.5.
Clock
Clock tree of APM32E103xCxE is shown in the figure below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com