Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CET6-R Datasheet(PDF) 41 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CET6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CET6-R Datasheet(HTML) 41 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CET6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
www.g eeh y.co m
Pag e 40
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
voltage level
selection
PLS[2:0]=001 (falling edge)
2.16
-
2.19
V
PLS[2:0]=001(PVD hysteresis)
110
-
120
mV
PLS[2:0]=010 (rising edgeg)
2.37
-
2.40
V
PLS[2:0]=010 (falling edge)
2.26
-
2.29
V
PLS[2:0]=010(PVD hysteresis)
100
-
110
mV
PLS[2:0]=011 (rising edgeg)
2.46
-
2.50
V
PLS[2:0]=011 (falling edge)
2.36
-
2.39
V
PLS[2:0]=011(PVD hysteresis)
100
-
110
mV
PLS[2:0]=100 (rising edgeg)
2.57
-
2.60
V
PLS[2:0]=100 (falling edge)
2.45
-
2.49
V
PLS[2:0]=100(PVD hysteresis)
110
-
120
mV
PLS[2:0]=101 (rising edgeg)
2.66
-
2.70
V
PLS[2:0]=101 (falling edge)
2.56
-
2.59
V
PLS[2:0]=101(PVD hysteresis)
100
-
110
mV
PLS[2:0]=110 (rising edgeg)
2.76
-
2.80
V
PLS[2:0]=110 (falling edge)
2.65
-
2.69
V
PLS[2:0]=110(PVD hysteresis)
110
-
110
mV
PLS[2:0]=111 (rising edgeg)
2.87
-
2.91
V
PLS[2:0]=111 (falling edge)
2.75
-
2.79
V
PLS[2:0]=111(PVD hysteresis)
110
-
120
mV
Note: It is obtained from a comprehensive evaluation and is not tested in production.
5.7.
Power consumption
Forms containing SDRAM are applicable to APM32E103xCxETxS, otherwise applicable to
APM32E103xCxETx.
5.7.1.
Power consumption test environment
(1) The values are measured by executing Dhrystone 2.1, with the Keil.V5 compilation
environment and the L0 compilation optimization level.
(2) All I/O pins are in input mode with a static value at VDD or VSS (no load)
(3) Unless otherwise specified, all peripherals are turned off
(4) The relationship between Flash waiting cycle setting and fHCLK :
0~24MHz: 0 waiting cycle
24~48MHz: 1 waiting cycle
48~72MHz: 2 waiting cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com