Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CET6-R Datasheet(PDF) 33 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CET6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CET6-R Datasheet(HTML) 33 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CET6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32E103CET6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
www.g eeh y.co m
Pag e 32
Name
Counter
resolution
Counter
type
Prescaler
coefficient
Functional Description
Driven by the master clock, it has early interrupt
warning function;
Timers in debug mode can be frozen.
4.13.
RTC
1 RTC is built in, and there are LSECLK signal input pins (OSC32_IN and OSC32_OUT) and 1
TAMP input signal detection pin (TAMP); the clock source can select external 32.768kHz crystal
oscillator, resonator or oscillator, LSICLK and HSECLK/128; it is supplied by VDD by default;
when VDD is powered off, it can be automatically switched to VBAT power supply, and RTC
configuration and time data will not be lost; RTC configuration and time data are not lost in case
of system resetting, software resetting and power resetting; it supports clock and calendar
functions.
4.13.1.
Backup register
84Bytes backup register is built in, and is supplied by VDD by default; when VDD is powered off, it
can be automatically switched to VBAT power supply, and the data in backup register will not be
lost; the data in backup register will not be lost in case of system resetting, software resetting
and power resetting.
4.14.
CRC
A CRC (cyclic redundancy check) calculation unit is built in, which can generate CRC codes
and operate 8-bit, 16-bit and 32-bit data.
4.15.
FPU
The product has built-in independent FPU floating-point operation processing unit, supports
IEEE754 standard, supports single-precision floating-point operation, and supports algorithms
such as CMP, SUM, SUB, PRDCT, MAC, DIV, INVRGSQT, RGSQT, SUMSQ, DOT, floating-
point to integer conversion and integer to floating point conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com