Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCU6-R Datasheet(PDF) 7 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCU6-R Datasheet(HTML) 7 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCU6-R Datasheet HTML 3Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 4Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 5Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
w w w.g e eh y. co m
P ag e 6
2. Product information
See the following table for APM32E103xCxE product functions and peripheral configuration.
Table 1 Functions and Peripherals of APM32E103xCxE Series Chips
Product
APM32E103xCxE
Model
CC
CE
CC
CE
RC
RE
VC
VE
ZC
ZE
Package
QFN48
LQFP48
LQFP64
LQFP100
LQFP144
Core and maximum working
frequency
Arm® 32-bit Cortex®-M3@120MHz
Operating voltage
2.0~3.6V
Flash(KB)
256
512
256
512
256
512
256
512
256
512
SRAM(KB)
64
128
64
128
64
128
64
128
64
128
EMMC
0
1(Not
supported
SDRAM)
1(support
SDRAM)
GPIOs
37
51
80
112
Communi
cation
interface
USART/UART
3
3/2
SPI/I2S
3/2
I2C
2
I2C3
1
USBD
1
CAN
2
SDIO
0
1
Timer
16-bit advanced
1
2
16-bit general
4
16-bit basic
2
System tick
timer
1
Watchdog
2
Real-time clock
1
12-bit
ADC
Unit
2
3
Channel
10
16
21
12-bit
DAC
Unit
2
Channel
2
Operating temperature
Ambient temperature: -40
℃ to 85℃/-40℃ to 105℃
Junction temperature: -40
℃ to 105℃/-40℃ to 125℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com