Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCU6-R Datasheet(PDF) 48 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCU6-R Datasheet(HTML) 48 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCU6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
www.g eeh y.co m
Pag e 47
Parameter
Peripheral
Typical value (1) TA =25℃, VDD =3.3V
Unit
CRC
0.14
SDIO
0.52
APB1
TMR2
0.25
TMR3
0.24
TMR4
0.4
TMR5
0.36
TMR6
0.06
TMR7
0.08
WWDT
0.04
IWDT
0.07
SPI2/I2S2
0.2
SPI3/I2S3
0.29
USART2
0.36
USART3
0.33
UART4
0.16
UART5
0.2
I2C1
0.22
I2C2
0.18
USBD
0.42
CAN1
0.25
CAN2
0.25
BAKPR
0.02
PMU
0.02
DAC
0.16
APB2
GPIOA
0.13
GPIOB
0.13
GPIOC
0.07
GPIOD
0.05
GPIOE
0.06
GPIOF
0.16
GPIOG
0.24
ADC1
0.39
ADC2
0.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com