Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCU6-R Datasheet(PDF) 31 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCU6-R Datasheet(HTML) 31 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCU6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
www.g eeh y.co m
Pag e 30
⚫
CAN2 and USBD1 could be used at the same time
⚫
USBD1 and USBD2 could not be used at the same time
⚫
CAN1 and CAN2 could be used at the same time
Note: Although there are actually 2 identical USBDs (with the same pins), they can't be used together, so it's equivalent to
only 1.Users can achieve "simultaneous use" by remapping (reuse of pins).
4.11.
Analog peripherals
4.11.1.
ADC
3 built-in ADCs with 12-bit accuracy, up to 21 external channels and 2 internal channels for
each ADC. The internal channels measure the temperature sensor voltage and reference
voltage respectively. ADC1 and ADC2 have 16 external channels, ADC3 generally has 8
external channels; A/D conversion mode of each channel has single, continuous, scan or
intermittent modes, ADC conversion results can be left aligned or right aligned and stored in 16
bit data register; they support analog watchdog, and DMA.
4.11.1.1.
Temperature sensor
A temperature sensor (TSensor) is built in, which is internally connected with ADC_IN16
channel. The voltage generated by the sensor changes linearly with temperature, and the
converted voltage value can be obtained by ADC and converted into temperature.
4.11.1.2.
Internal reference voltage
Built-in reference voltage VREFINT, internally connected to ADC_IN17 channel, which can be
obtained through ADC; VREFINT provides stable voltage output for ADC.
4.11.2.
DAC
Two built-in 12-bit DACs, and each corresponding to an output channel, which can be
configured in 8-bit and 12-bit modes, and the DMA function is supported. The waveform
generation supports noise wave and triangle wave. The conversion mode supports independent
or simultaneous conversion and the trigger mode supports external signal trigger and internal
timer update trigger.
4.12.
Timer
2 built-in 16-bit advanced timers (TMR1/8), 4 general-purpose timers (TMR2/3/4/5), 2 basic
timers (TMR6/7), 1 independent watchdog timer, one window watchdog timer and 1 system tick
timer.
Watchdog timer can be used to detect whether the program is running normally.
The system tick timer is the peripheral of the core with automatic reloading function. When the
counter is 0, it can generate a maskable system interrupt, which can be used for real-time
operating system and general delay.
Table 10 Function Comparison between Advanced/General-purpose/Basic and System Tick Timers
Timer type
System tick
timer
Basic timer
General-purpose timer
Advanced timer
Timer name
Sys Tick Timer
TMR6
TMR7
TMR2
TMR3
TMR4
TMR5
TMR1
TMR8
Counter resolution
24-bit
16 bits
16 bits
16 bits
Counter type
Down
Up
Up, down, up/down
Up, down,
up/down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com