Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCU6-R Datasheet(PDF) 19 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCU6-R Datasheet(HTML) 19 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCU6-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
www.g eeh y.co m
Pag e 18
Name
(Function after
reset)
Typ
e
Struc
ture
Default
multiplexing
function
Remap
QFN48/L
QFP48
LQFP6
4
LQFP10
0
LQFP14
4
TMR2_CH2,
SPI1_SCK
PB4
(NJTRST)
I/O
5T
SPI3_MISO
PB4,
TMR3_CH1,
SPI1_MISO
40
56
90
134
PB5
I/O
STD
I2C1_SMBAI,
SPI3_MOSI,
I2S3_SD
TMR3_CH2,
SPI1_MOSI,
CAN2_RX
41
57
91
135
PB6
I/O
5T
I2C1_SCL,
I2C3_SCL,
TMR4_CH1
USART1_TX,
CAN2_TX
42
58
92
136
PB7
I/O
5T
I2C1_SDA,
I2C3_SDA,
SMC_NADV,
TMR4_CH2
USART1_RX
43
59
93
137
BOOT0
I
B
-
-
44
60
94
138
PB8
I/O
5T
TMR4_CH3,
SDIO_D4
I2C1_SCL,
I2C3_SCL,
CAN1_RX
45
61
95
139
PB9
I/O
5T
TMR4_CH4,
SDIO_D5
I2C1_SDA,
I2C3_SDA,
CAN1_TX
46
62
96
140
PE0
I/O
5T
TMR4_ETR,
SMC_NBL0
-
-
-
97
141
PE1
I/O
5T
SMC_NBL1
-
-
-
98
142
VSS_3
P
-
-
-
47
63
99
143
VDD_3
P
-
-
-
48
64
100
144
Note:
(1) The functions available depend on the selected model. For models with fewer peripheral modules, function modules
with smaller numbers are always included. For example, when a model has only one SPI and two USARTs, they are
SPI1, USART1 and USART2.
(2) The PC13, PC14 and PC15 pins are powered by the power switch, which can only absorb a limited current (3mA).
Therefore, when these three pins are used as output pins, there are the following restrictions: only one pin can be
used as output at the same time, and when they are used as output pins, they can only work in 2MHz mode. The
maximum driving load is 30pF, and they cannot be used as current sources (such as driving LED).
(3) These pins are in the main function state when the backup area is powered on for the first time. After that, even if they
are reset, the state of these pins is controlled by the backup area registers (these registers will not be reset by the
main reset system). For specific information on how to control these IO ports, please refer to the relevant sections of
the battery backup area and BAKPR register in the user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com