Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCU6-R Datasheet(PDF) 11 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCU6-R Datasheet(HTML) 11 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCU6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 12Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
www.g eeh y.co m
Pag e 10
图
5 Distribution Diagram of APM32E103xCxE Series QFN48 Pins
1
VBAT
2
PC13
-TAMPER-RTC
3
PC14-OSC32_IN
4
PC15-OSC32_OUT
5
PD0-OSC_IN
6
PD1-OSC_OUT
7
NRST
8
9
10
11
12
VSSA
VDDA
PA0
PA1
PA2
VDD_2
VSS_2
PA13
PA12
PA11
PA10
PA9
PA8
36
PB15
35
PB14
34
PB13
33
PB12
32
31
30
29
28
27
26
25
Exposed pad
QFN48
3.2.
Pin function description
Table 2 Legends/Abbreviations Used in Output Pin Table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in parentheses below the pin name, the pin functions during
and after reset are the same as the actual pin name
Pin type
P
Power pin
I
Only input pin
I/O
I/O pin
I/O structure
5T
FT I/O
5Tf
FT I/O,
FM+ function
STDA
I/O with 3.3 V standard, directly connected to ADC
STD
I/O with 3.3 V standard
B
Dedicated Boot0 pin
RST
Bidirectional reset pin with built-in pull-up resistor
Note
Unless otherwise specified in the notes, all I/O is set as floating input during and after reset
Pin
function
Default
multiplexing
function
Function directly selected/enabled through peripheral register
Remap
Select this function through AFIO remapping register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com