Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCU6-R Datasheet(PDF) 50 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCU6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCU6-R Datasheet(HTML) 50 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCU6-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32E103CCU6-R Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
www.g eeh y.co m
Pag e 49
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
VIN=5V,
I/O FT port
-
-
3
RPU
Weak pull-up equivalent resistance
VIN=VSS
30
40
50
kΩ
RPD
Weak pull-down equivalent
resistance
VIN=VDD
30
40
50
kΩ
Note: It is obtained from a comprehensive evaluation and is not tested in production.
Table 35 AC Characteristics
MODEy[1:0]
Configuration
Symbol
Parameter
Conditions
Minimum
value
Maximum
value
Unit
10
(2MHz)
fmax(IO)out
Maximum frequency
CL=50 pF,
VDD=2~3.6V
-
2
MHz
tf(IO)out
Output fall time from high to low
level
CL=50 pF,
VDD =2~3.6V
-
125
ns
tr(IO)out
Output rise time from low to high
level
-
125
01
(10MHz)
fmax(IO)out
Maximum frequency
CL=50 pF,
VDD =2~3.6V
-
10
MHz
tf(IO)out
Output fall time from high to low
level
CL=50 pF,
VDD =2~3.6V
-
25
ns
tr(IO)out
Output rise time from low to high
level
-
25
11
(50MHz)
fmax(IO)out
Maximum frequency
CL=30 pF,
VDD =2.7~3.6V
-
50
MHz
tf(IO)out
Output fall time from high to low
level
CL=30 pF,
VDD =2.7~3.6V
-
5
ns
tr(IO)out
Output rise time from low to high
level
-
5
Note: (1) The rate of I/O port can be configured through MODEy.
(2) The data are obtained from a comprehensive evaluation and is not tested in production.
Figure 12 I/O AC Characteristics Definition
T
10%
50%
90%
10%
50%
90%
tr(IO)OUT
tr(IO)OUT
The external
output load
is 50pF
If (tr+tf) is less than or equal to (2/3) T and the
duty cycle is (45~55%)
When the load is 50pF, it reaches the maximum
frequency
Note: It is obtained from a comprehensive evaluation and is not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com