Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6206 Datasheet(PDF) 2 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6206
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6206 Datasheet(HTML) 2 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6206 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SW6206
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS047_v1.5
2
4. Functional Block Diagram
Power
Control
Module
DMA1
DPA1
GATEA1
CC1
CC2
LED1
LED2
LED3
LED4
LED5
2.2uH
5mΩ
22uF
10uF
22uF
10uF
LED
Driver
Or
I2C
CC1
CC2
DPA1
DMA1
LED1/SCK
LED2/SDA
LED3/IRQ
LED4/I2C
SW
VOUTSN
VOUTSP
KEY/GSET
KEY/GSET
Internal
Power
VCC
PUSH KEY
NTC
Type-C
Type-A1
Micro-B
VBUS
GND
DM
DP
VBUS
GND
DM
DP
VBUS
DM
CC1
CC2
DP
GND
CC1
CC2
DPA1
DMA1
MCU
EPAD
VBAT
GATEC
DMC
DPC
10uF
GATEB
0.1uF
Power Path Controller
VBUSA1
VBUSC
VBUSB
VOUT
22uF
22uF
DPA2
DMA2
DPA2
DMA2
22uF
Rbset
FLED
LED1/SCK
LED2/SDA
LED3/IRQ
LED4/I2C
LED1/SCK
LED2/SDA
LED3/IRQ
LED4/I2C
VOUTA1
VOUTC
22uF
BST
0.1uF
22uF
DMB
DPB
DMA2
DPA2
GATEA2
10uF
Type-A2
VBUS
GND
DM
DP
VBUSA2
VOUTA2
10uF
Port-L
VBUS
GND
DATA
GATEL
VBUSL
DATA
DMB
DPC
DMB
DPC
DPB
DPB
DMC
DMC
CCL/WLED
CCL/WLED
Fast
Charge
Protocol
DATA
DATA
CSET
Rcset
Rgset
FLED/BSET
FLED/BSET
VCC
VCC
2K
BAT
CC
CCL/WLED
VOUTP
VOUTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com