Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6206 Datasheet(PDF) 11 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6206
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6206 Datasheet(HTML) 11 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6206 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 15Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SW6206
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS047_v1.5
11
supports QC3.0 / QC2.0 / AFC / FCP / SCP / PE2.0 / PE1.1 / SFCP fast charge output. Type-C port
supports PPS / PD3.0 / PD2.0 / QC4+ / QC3.0 / QC2.0 / AFC / FCP / SCP / PE2.0 / PE1.1 / SFCP fast
charge output, and PD3.0 / PD2.0 / AFC / FCP / SCP / PE1.1 fast charge input. Micro-B supports
AFC/FCP/SCP/PE1.1 fast charge input. Lightning supports PD3.0/PD2.0 fast charge input, and
Lightning cable decryption.
When short key occurs or load inserts, Type-A1/Type-A2 port will turn on to power supply extern
device, and light load detection will turn off Type-A1/Type-A2/Type-C port. Light load current is
related to power path MOS. if power path MOS Rdson is 10mΩ, the light load current will be about
60mA/40mA when output voltage is 5V/high voltage. When SOURCE is attached, Type-C port will
turn on and charger will automatically turn on to charge battery. When SINK is attached, Type-C port
will turn on and boost will automatically turn on to supply device. When SINK is unattached, Type-C
port will turn off and boost will automatically turn off. Type-C port also support light load detection.
When SINK is light load, Type-C port and boost will turn off to reduce power consumption.When
adapter inserts, Micro-B or Lightning port will turn on and charger will automatically turn on.
The SW6206 supports charging the battery and supplying extern device simultaneously, and this
function can be disabled if not needing. When only one port turns on, it supports fast charge input and
output. When two or three ports turn on, it only supports 5V input and output. In this situation, charger
hold voltage is set to 4.8V. if input voltage drops due to the weak power supply of adapter, charge
current will automatically fall down so the input voltage holds to 4.8V and supplies extern device in
priority.
The SW6206 supports Type-A1/Type-A2/Type-C ports supplying extern devices simultaneously and
only supports 5V output.
9.4. Mode Set
The SW6206 supports wireless charge, small current charge and flash light driver modes. These three
modes are set by register in I2C mode, and set by pin in led mode.
The SW6206 supports wireless charge mode. In wireless charge mode, wireless charge module is
connected to Type-A2 port. Light load threshold of Type-A2 port is set to 240mA/115mA in 5V/high
voltage output, and light load detect time is set to 32S. Wireless charge mode is set when LED1/SCK
pin connects a 100KΩ resister to ground.
The SW6206 supports small current charge mode, and can charge small current device such as
bluetooth headset. When enter into small current charge mode, light load detect will be disabled for
two hours, and double short key will also quit this mode. Besides, fuel gauge display will also change
to indicate it is in small current charge mode. Small current charge mode is set when LED2/SDA pin
connects a 100KΩ resister to ground.
The SW6206 supports flash light driver mode also called WLED mode. CCL/WLED Pin can be
configured to WLED driver or PD fast input function of Lightning port, only one of these two functions
can be used in one application. When LED3/IRQ pin connects a 100K Ω resister to ground,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com