Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6206 Datasheet(PDF) 1 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6206
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6206 Datasheet(HTML) 1 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6206 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SW6206
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS047_v1.5
1
Total Solution Include PD for Bidirectional Fast
Charge Power Bank
1. General Description
The SW6206 is a highly integrated power management IC for fast charge power bank application, and
supports A+A+B+C+L five ports. It integrates 5A switching charger, 22.5W synchronous boost,
PPS/PD/QC/AFC/FCP/SCP/PE/SFCP fast charge protocol, fuel gauge, led driver and power controller.
With simple external components, The SW6206 provides a turn-key high efficiency solution for fast
charge battery management.
2. Applications
• Power Bank
• Battery Powered Device
3. Features
• Switching Charger
➢ Current up to 5A , Efficiency up to 96%
➢ Support 4.2/4.35/4.4/4.5V Battery Voltage
➢ Support JEITA
➢ Thermal Regulation
• Synchronous Boost
➢ Power up to 22.5W, Efficiency up to 95%
➢ Load Insert Detect and Light Load Detect
➢ Support Wireless Charge Mode
➢ Support Small Current Charge Mode
• Output Fast Charge Protocol
➢ Support PPS/PD3.0/PD2.0
➢ Support QC4+/QC4/QC3.0/QC2.0
➢ Support AFC
➢ Support FCP
➢ Support SCP
➢ Support PE2.0/PE1.1
➢ Support SFCP
• Input Fast Charge Protocol
➢ Support PD3.0/PD2.0
➢ Support AFC
➢ Support FCP
➢ Support SCP
➢ Support PE1.1
• Type-C Interface
➢ Support Type-C Specification
➢ Support try.SRC Role
• BC1.2 Module
➢ Support BC1.2 DCP
➢ Support Apple & Samsung Device
• Lightning Decryption
➢ Support Lightning Decryption
• Fuel Gauge
➢ Include 12bit ADC
➢ Support Coulometer
➢ Support 3~5 LEDs Driver
• Fast Charge LED
➢ Support Fast Charge LED Driver
• WLED Driver
➢ Support WLED Driver
• Key Support
➢ Support Push Key
• Protection
➢ Output Over Current Protection
➢ Output Short Protection
➢ Charger Over Voltage Protection
➢ Over Temperature Protection
• I2C Interface
• QFN-48(6x6mm) Package


Similar Part No. - SW6206

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW6200 SUNNYWAY-SW6200 Datasheet
384Kb / 1P
General Battery
SW62000 SUNNYWAY-SW62000 Datasheet
372Kb / 1P
Photovaltaic & wind power battery
SW62000E SUNNYWAY-SW62000E Datasheet
460Kb / 1P
Photovaltaic & wind power battery
logo
ZHUHAI ISMARTWARE TECHN...
SW6208 ISMARTWARE-SW6208 Datasheet
970Kb / 26P
Total Solution Include PD for Bidirectional Fast Charge Power Bank
May, 2022 v1.5
More results

Similar Description - SW6206

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603 Datasheet
4Mb / 26P
Total Power Solution for Portable Applications
AAT3601 ANALOGICTECH-AAT3601_08 Datasheet
987Kb / 37P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
Total Power Solution for Portable Applications
logo
Shenzhen Huazhimei Semi...
HM1801 HMSEMI-HM1801 Datasheet
502Kb / 8P
HM1801-SIP of Power Bank Total Solution
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
HM1803-SIP of Power Bank Total Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com