Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6206 Datasheet(PDF) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6206
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6206 Datasheet(HTML) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6206 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SW6206
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS047_v1.5
4
12
VBUSC
Type-C port current/voltage sense pin.
13
VOUTC
Type-C port current sense pin.
14
VOUTA2
Type-A2 port current sense pin.
15
VBUSA2
Type-A2 port current/voltage sense pin.
16
VBUSL
Lightning port input.
17
BAT
Battery voltage sense pin.
18
NTC
Negative temperature coefficient (NTC) thermistor input.
19
VCC
Internal power.
20
KEY/GSET
Push key input, constant charge time set for fuel gauge.
21
FLED/BSET
Fast charge led driver, battery voltage set.
22
CSET
Battery capacity set.
23
LED4/I2C
Led4 for led driver or i2c set.
24
LED3/IRQ
Led3 for led driver or irq.
25
LED2/SDA
Led2 for led driver or i2c data.
26
LED1/SCK
Led1 for led driver or i2c clock.
27
VOUTSP
Current sense positive pin.
28
VOUTSN
Current sense negative pin.
29, 30, 31,
32, 33
VOUT
Boost output and charger input.
34
GATEL
Lightning port power path control pin.
35
GATEA2
Type-A2 port power path control pin.
36
GATEA1
Type-A1 port power path control pin.
37
GATEB
Micro-B port power path control pin.
38
GATEC
Type-C port power path control pin.
39
CCL/WLED
Lightning port configure channel or flash led driver .
40
CC2
Type-C port configure channel CC2.
41
CC1
Type-C port configure channel CC1.
42
DMC
Type-C port DM pin.
43
DPC
Type-C port DP pin.
44
DMB
Micro-B port DM pin.
45
DPB
Micro-B port DP pin.
46
DMA1
Type-A1 port DM pin.
47
DPA1
Type-A1 port DP pin.
48
DMA2
Type-A2 port DM pin.
EPAD
Exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com