Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6206 Datasheet(PDF) 13 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6206
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6206 Datasheet(HTML) 13 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6206 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 15Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 16Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 17Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SW6206
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS047_v1.5
13
0.6V
3.3V
continuous mode
0.2V/Step
0.6V
GND
5V
9.8. AFC Fast Charge
The SW6206 integrates AFC fast charge protocol, supports 5V/9V/12V output voltage and 5V/9V
input voltage.
9.9. FCP Fast Charge
The SW6206 integrates FCP fast charge protocol, supports 5V/9V/12V output voltage and 5V/9V input
voltage.
9.10. SCP Fast Charge
The SW6206 integrates SCP fast charge protocol, supports 5V@4.5A output voltage and 5.5V/3A
input voltage.
9.11. PE Fast Charge
The SW6206 integrates PE2.0/PE1.1 fast charge protocol. PE2.0 supports 5V~12V output voltage,
500mV/Step. PE1.1 supports 5V/7V/9V/12V output voltage and 5V/9V input voltage.
9.12. SFCP Fast Charge
The SW6206 integrates SFCP fast charge protocol, supports 5V/9V/12V output voltage.
9.13. BC1.2 Module
The SW6206 integrates BC1.2 controller, and automatically detects apple and samsung devices:
Apple 2.4A mode: DP=2.7V, DM=2.7V;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com