Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6206 Datasheet(PDF) 8 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6206
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6206 Datasheet(HTML) 8 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6206 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6206 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SW6206
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS047_v1.5
8
CC Current Source
ICC_SOURCE
Power Level=3.0A
310
330
350
uA
CC Termination Resistor
RD
4.9
5.1
5.3
kΩ
BC1.2
DP/DM Voltage
DP
Apple 2.4A Mode
2.55
2.7
2.85
V
DM
Apple 2.4A Mode
2.55
2.7
2.85
V
PE
Current Threshold
IREF
150
250
350
mA
Quit Time
tPLUG_OUT
160
200
240
mS
LED
LED Source Current
ILED
2
4
6
mA
LED Flicker Frequency
fLED
0.8
1
1.2
Hz
WLED
WLED Resistor
RWLED
10
20
30
Ω
KEY
Short Key Time
TSHORT
24
32
500
mS
Long Key Time
TLONG
1.5
2
3
S
Double Short Key
TDOUBLE
Longest Time For Two Short
Key Happen
1.2
1.5
1.8
S
I2C
Rate
fCLK
100
400
Kbit/S
Thermal Shutdown
Thermal Shutdown Threshold
TSHDT
Temperature Rising
135
150
165
℃
Thermal Shutdown Hysteresis
TSHDT_HYS
Temperature Falling
55
70
85
℃
9. Functional Description
9.1. Charge Mode
The SW6206 integrates a switching charger with efficiency is up to 96%. The switching charger
supports 4.2V/4.35V/4.4V/4.5V battery voltage. Its switching frequency is up to 400KHz, so a small
size inductor with inductance of 2.2uH can be used.
The switching charger charges battery in three charge phases: trickle charge(TC), constant current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com