Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151ADDFR Datasheet(PDF) 23 Page - Texas Instruments

Part # INA151ADDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151ADDFR Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA151ADDFR Datasheet HTML 19Page - Texas Instruments INA151ADDFR Datasheet HTML 20Page - Texas Instruments INA151ADDFR Datasheet HTML 21Page - Texas Instruments INA151ADDFR Datasheet HTML 22Page - Texas Instruments INA151ADDFR Datasheet HTML 23Page - Texas Instruments INA151ADDFR Datasheet HTML 24Page - Texas Instruments INA151ADDFR Datasheet HTML 25Page - Texas Instruments INA151ADDFR Datasheet HTML 26Page - Texas Instruments INA151ADDFR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
8.2 Typical Applications
8.2.1 Battery Monitoring Using INA151
The INA151 is an voltage monitoring difference amplifier that processes large differential voltages (up to ±5V)
while offering excellent common-mode rejection (typical 140dB) at large common-mode voltages, up to 110V
from negative supply. The device offers an enable function and provides excellent gain error performance (max
of 0.025% for G=1V/V, 2/3V/V, 1/2V/V).
With the specifications above, the device fits well in serial stacked battery cell testing systems. In these
applications, each cell is connected to an amplifier to monitor precisely the charging and discharging state
of each battery cell. Typically a downstream ADC is used for post processing.
In a 16-battery cell stacked application the typical approach is to connect an external multiplexer that connects
further to a dual or quad channel ADC.
The advantage of the INA151 is that the device offers an enable function, the outputs of the given 16 channels
can be shorted and directly connected to the downstream ADC. The selection of each amplifier can easily be
achieved using a GPIO pin from the downstream MCU and eliminates the need for an external multiplexing
circuit.
Figure 8-2 shows an example circuit that monitors the voltage of 16-battery cells stacked in series battery
voltage and interfaces to the integrated ADC of an C2000 MCU.
Cell1
+
–
+
–
+
–
+
–
Cell2
Cell3
Cell4
Cell13
Cell14
Cell15
Cell16
12-Bit
5-MSPS
ADC
3.3V-REF
GPIO
0-85V
High Voltage DC
Power Supply
MCU
GND
Current Sense
VS = 5V
VS+=5V
GPIO
EN1
EN2
EN3
EN4
EN13
EN14
EN15
EN16
DGND
REF
Cell Cabinet
VOUT (FSR)
C2000
0V to 3.3V
VCM1=0V
VCM16=72V
VCM15=67.5V
VCM14=63V
VCM13=58.5V
VCM4=13.5V
VCM3=9V
VCM2=4.5V
VREFLO
VREFHI
+
–
+
–
+
–
+
–
REF
REF
REF
REF
REF
REF
REF
VS+
Figure 8-2. 16Cell Stacked Battery Voltage Monitoring Circuitry
www.ti.com
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com