Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151ADDFR Datasheet(PDF) 4 Page - Texas Instruments

Part # INA151ADDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151ADDFR Datasheet(HTML) 4 Page - Texas Instruments

  INA151ADDFR Datasheet HTML 1Page - Texas Instruments INA151ADDFR Datasheet HTML 2Page - Texas Instruments INA151ADDFR Datasheet HTML 3Page - Texas Instruments INA151ADDFR Datasheet HTML 4Page - Texas Instruments INA151ADDFR Datasheet HTML 5Page - Texas Instruments INA151ADDFR Datasheet HTML 6Page - Texas Instruments INA151ADDFR Datasheet HTML 7Page - Texas Instruments INA151ADDFR Datasheet HTML 8Page - Texas Instruments INA151ADDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage on VS+, VS–
pins
Dual supply, VS = (VS+) – (VS–)
±1.35
±10
V
Single supply, VS = (VS+), (VS–) = GND
2.7
20
Signal input voltage on INP,
INN pins
Common-mode
(V–) – 85
(V–) + 120
Differential
–5
5
Output voltage on OUT pin
(V–) – 0.5
(V+) + 0.3
V
Reference voltage on REF pin
(V–) – 0.5
(V+) + 0.3
V
VDGND
Enable logic input voltage on DGND pin
(V–) – 0.5
(V+) + 0.3
V
Enable logic input voltage on EN pin
VDGND
(V+) + 0.3
V
Output short-circuit(2)
Continuous
TA
Operating temperature
–55
125
°C
Tstg
Storage temperature
–55
125
°C
Junction temperature
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Short-circuit to VS / 2.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VS
Supply voltage
Single-supply
2.7
10
20
V
Dual-supply
±1.35
±5
±10
TA
Specified temperature
–40
125
°C
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com