Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151ADDFR Datasheet(PDF) 10 Page - Texas Instruments

Part # INA151ADDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151ADDFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA151ADDFR Datasheet HTML 6Page - Texas Instruments INA151ADDFR Datasheet HTML 7Page - Texas Instruments INA151ADDFR Datasheet HTML 8Page - Texas Instruments INA151ADDFR Datasheet HTML 9Page - Texas Instruments INA151ADDFR Datasheet HTML 10Page - Texas Instruments INA151ADDFR Datasheet HTML 11Page - Texas Instruments INA151ADDFR Datasheet HTML 12Page - Texas Instruments INA151ADDFR Datasheet HTML 13Page - Texas Instruments INA151ADDFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±5V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2 = VS / 2, and G = 1 (A) (unless
otherwise noted)
Gain Error (%)
0
10
20
30
-0.025
-0.0125
0
0.0125
0.025
N=7337
Mean=-0.0001%
Std. Dev. =
0.0039%
Figure 6-11. Typical Distribution of Gain Error (G=1/2)
Gain Error (%)
0
5
10
15
20
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
N=7337
Mean=0.0118%
Std. Dev.
=0.0053%
Figure 6-12. Typical Distribution of Gain Error (G=1/4)
Gain Error Drift (ppm/ C)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
-0.1 -0.08 -0.06 -0.04 -0.02
0
0.02 0.04 0.06 0.08
0.1
N=16
Mean=0.046ppm/ºC
Std. Dev. =
0.015ppm/ºC
Figure 6-13. Typical Distribution of Gain Error Drift (G=2/3)
Temperature ( C)
-60
-40
-20
0
20
40
60
80
100
120
140
-0.1
-0.05
0
0.05
0.1
0.15
G = 1
G = 2/3
G = 1/2
G = 1/4
Normalized to 0mV
Figure 6-14. Offset Voltage (Input referred) vs Temperature
Temperature ( C)
-60
-40
-20
0
20
40
60
80
100
120
140
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
G = 1
G = 2/3
G = 1/2
G = 1/4
Figure 6-15. CMRR vs Temperature
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
G = 1
G = 2/3
G = 1/2
G = 1/4
Figure 6-16. Gain Error vs Temperature
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com