Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151ADDFR Datasheet(PDF) 27 Page - Texas Instruments

Part # INA151ADDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151ADDFR Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA151ADDFR Datasheet HTML 23Page - Texas Instruments INA151ADDFR Datasheet HTML 24Page - Texas Instruments INA151ADDFR Datasheet HTML 25Page - Texas Instruments INA151ADDFR Datasheet HTML 26Page - Texas Instruments INA151ADDFR Datasheet HTML 27Page - Texas Instruments INA151ADDFR Datasheet HTML 28Page - Texas Instruments INA151ADDFR Datasheet HTML 29Page - Texas Instruments INA151ADDFR Datasheet HTML 30Page - Texas Instruments INA151ADDFR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
appear at the ADC input. To prevent violation of the ADC input range specifications, additional protection such as
a TVS diode is recommended.
8.2.1.3 Output Pullup Resistor in Multiplexer Configuration
The INA151 can operate in a stacked configuration sharing common output. The combined output impedance
ROUTDIS of the disabled devices is determined by:
ROUTDIS=ROUT151N
(7)
wheras
• ROUT151= 562.5kΩ (A), 395.83kΩ (B), 312.5kΩ (C ), 187.5kΩ (D)
• N is number of stacked devices of INA151
The output resistance ROUTDIS contributes additional loading to the the active output amplifier. To minimize the
loading use a pull-up resistor connected to VS+. The pull-up resistance R1 can be calculated by:
R1= ROUTDIS×VS+ −VOUT
VOUT−VS−
(8)
8.2.1.4 Application Curves
The following graphs illustrate the total system error in Figure 8-2 for CELL1 (VCM=0V) and CELL16
(VCM= 67.5V), showing both adjusted and unadjusted error measurements. The adjusted error data reflects
performance after calibrating out the reference voltage error of the ADC.
Differential Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-400
-200
0
200
400
600
800
1000
1200
1400
1600
Unadjusted Error
Adjusted Error
Figure 8-4. System Error (ppm) vs INA151B
Differential Input Voltage for CELL1
Differential Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-400
-200
0
200
400
600
800
1000
1200
1400
Adjusted Error
Unadjusted Error
Figure 8-5. System Error (ppm) vs INA151B
Differential Input Voltage for CELL16
8.3 Power Supply Recommendations
The nominal performance of the INA151 is specified with a supply voltage of ±5V and midsupply reference
voltage. The device also operates using power supplies from ±1.35V (2.7V) to ±10V (20V) and non-
midsupply reference voltages with good performance. Many specifications apply from –40°C to 125°C.
Electrical Characteristics presents parameters that can exhibit significant variance due to operating voltage or
temperature.
TI highly recommends to add low-ESR ceramic bypass capacitors (CBYP) between each supply pin and ground.
Only one CBYP is sufficient for single supply operation. Place the CBYP as close to the device as possible to
reduce coupling errors from noisy or high-impedance power supplies. Please verify that the power supply trace
routes through CBYP before reaching the amplifier power supply terminals. For more information, see Layout
Guidelines.
www.ti.com
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com