Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151ADDFR Datasheet(PDF) 8 Page - Texas Instruments

Part # INA151ADDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151ADDFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA151ADDFR Datasheet HTML 4Page - Texas Instruments INA151ADDFR Datasheet HTML 5Page - Texas Instruments INA151ADDFR Datasheet HTML 6Page - Texas Instruments INA151ADDFR Datasheet HTML 7Page - Texas Instruments INA151ADDFR Datasheet HTML 8Page - Texas Instruments INA151ADDFR Datasheet HTML 9Page - Texas Instruments INA151ADDFR Datasheet HTML 10Page - Texas Instruments INA151ADDFR Datasheet HTML 11Page - Texas Instruments INA151ADDFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS = ±5V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2 = VS / 2, and G = 1 (A) (unless
otherwise noted)
Input Offset Voltage ( V)
0
2
4
6
8
10
-800
-600
-400
-200
0
200
400
600
800
N=9512
Mean=−99.98μV
Std.
Dev.=197.78μ
V
Figure 6-1. Typical Distribution Offset Voltage (Input Referred)
(G=1)
Input Offset Voltage ( V)
0
5
10
15
20
-1200
-800
-400
0
400
800
1200
N=9512
Mean=−73.15μV
Std.
Dev.=296μV
Figure 6-2. Typical Distribution Offset Voltage (Input Referred)
(G=2/3)
Input Offset Voltage ( V)
0
2
4
6
8
10
-1600 -1200
-800
-400
0
400
800
1200
1600
N=7337
Mean=−138.78μV
Std.
Dev.=385.93μ
V
Figure 6-3. Typical Distribution Offset Voltage (Input Referred)
(G=1/2)
Input Offset Voltage ( V)
0
2
4
6
8
10
-3200 -2400 -1600
-800
0
800
1600
2400
3200
N=7550
Mean=−130.72μV
Std.
Dev.=828.87μ
V
Figure 6-4. Typical Distribution Offset Voltage (Input Referred)
(G=1/4)
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com