Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151ADDFR Datasheet(PDF) 7 Page - Texas Instruments

Part # INA151ADDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151ADDFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA151ADDFR Datasheet HTML 3Page - Texas Instruments INA151ADDFR Datasheet HTML 4Page - Texas Instruments INA151ADDFR Datasheet HTML 5Page - Texas Instruments INA151ADDFR Datasheet HTML 6Page - Texas Instruments INA151ADDFR Datasheet HTML 7Page - Texas Instruments INA151ADDFR Datasheet HTML 8Page - Texas Instruments INA151ADDFR Datasheet HTML 9Page - Texas Instruments INA151ADDFR Datasheet HTML 10Page - Texas Instruments INA151ADDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
at TA = 25°C, VS = ±5 V, RL = 10 kΩ, VDGND = VREF = VCM = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
OUTPUT
Output voltage
RL = 10kΩ, TA = –40℃ to 125℃
(V–) + 0.3
(V+) – 0.3
V
CL
Load capacitance
Stable operation
G=1 (A), 2/3 (B)
0.5
nF
G=1/2 (C), 1/4 (D)
0.3
ISC
Short-circuit current
Continuous to Vs/2
Sinking
25
mA
Sourcing
17
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
CL=100pF
G=1 (A)
620
kHz
G=2/3 (B)
850
G=1/2 (C)
1080
G=1/4 (D)
1600
SR
Slew rate
VDM=±4.7V
2.2
V/µs
tS
Settling time
VDM= ±4.5V-step,
VCM=5V
G=1 (A)
To 0.1%
9
µs
To 1%
4.8
G=2/3 (B)
To 0.1%
7.6
To 1%
3.8
G=1/2 (C)
To 0.1%
10.2
To 1%
2.7
G=1/4 (D)
To 0.1%
8.9
To 1%
1.9
Output enable time
To 0.1%
15
µs
Output disable time(3)
To 0.1%
16
Overload recovery
50% input overload
16
µs
POWER SUPPLY
IQ(VS+)
Quiescent current into VS+
VDM = 0V, EN = HIGH
430
550
µA
IQ(VS–)
Quiescent current into VS–
VDM = 0V, EN = HIGH
–570
–460
µA
IQ
Quiescent current into
VS+/VS–
VDM = 0V, EN = LOW
±300
µA
Quiescent current drift
VDM = 0V, TA = –40℃ to 125℃
–0.07
µA/
℃
ENABLE LOGIC
VEN
Enable input logic low
EN = LOW, DGND
DGND
DGND + 0.9
V
Enable input logic high
EN = HIGH, DGND
DGND + 2
DGND + 5
V
Enable input current
VEN = DGND + 5V
1.9
µA
VDGND
DGND voltage
(VS+) – (VS–) ≤ 12.7V
(VS–)
(VS+) – 2.7
V
VDGND
DGND voltage
(VS+) – (VS–) > 12.7V
(VS–)
(VS–) + 10
V
(1)
Keep both inputs above minimum requirement.
(2)
Specified by design.
(3)
Output disable time depends on the output network of the device which is different for each variant and the load connected. See
Typical Characteristics for more information.
(4)
Asymmetrical input bias current flow, positive IB flowing into the device, negative IB flowing out of the device. See chapter "Low Input
Bias Current" for more information.
www.ti.com
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com