Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 55Page - STMicroelectronics ST7FOXK1 Datasheet HTML 56Page - STMicroelectronics ST7FOXK1 Datasheet HTML 57Page - STMicroelectronics ST7FOXK1 Datasheet HTML 58Page - STMicroelectronics ST7FOXK1 Datasheet HTML 59Page - STMicroelectronics ST7FOXK1 Datasheet HTML 60Page - STMicroelectronics ST7FOXK1 Datasheet HTML 61Page - STMicroelectronics ST7FOXK1 Datasheet HTML 62Page - STMicroelectronics ST7FOXK1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Interrupts
59/226
Table 18.
ST7FOXK2 interrupt mapping
Number
Source
block
Description
Register
label
Priority
order
Exit
from
HALT
or
AWUFH
(1)
Address
vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software interrupt
no
FFFCh-FFFDh
0
AWU
Auto Wake Up interrupt
AWUCSR
yes (2)
FFFAh-FFFBh
1
Reserved
-
FFF8h-FFF9h
2
Reserved
-
FFF6h-FFF7h
3
Reserved
-
FFF4h-FFF5h
4
ei0
External interrupt 0 (Port A)
N/A
yes
FFF2h-FFF3h
5
ei1
External interrupt 1 (Port B)
FFF0h-FFF1h
6
ei2
External interrupt 2 (Port C)
FFEEh-FFEFh
7
AT TIMER
AT timer input Capture/Output
Compare interrupt
ATCSR
no
FFECh-FFEDh
8(3)
AT timer overflow 1 interrupt
no
FFEAh-FFEBh
9
AT timer Overflow 2 interrupt
no
FFE8h-FFE9h
10
I2CI2C interrupt
I2CSR1/
I2CSR2
no
FFE6h-FFE7h
11
SPI
SPI interrupt
SPICSR
no
FFE4h-FFE5h
12
TIM16
16-bit timer peripheral interrupt
TACSR
no
FFE2h-FFE3h
13(3)
LITE TIMER
Lite timer RTC/IC/RTC2 interrupt
LTCSR2
yes
FFE0h-FFE1h
1.
For an interrupt, all events do not have the same capability to wake up the MCU from Halt, Active-Halt or Auto-wakeup from
Halt modes. Refer to the description of interrupt events for more details.
2.
This interrupt exits the MCU from Auto-wakeup from Halt mode only.
3.
These interrupts exit the MCU from Active-Halt mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com