Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 84Page - STMicroelectronics ST7FOXK1 Datasheet HTML 85Page - STMicroelectronics ST7FOXK1 Datasheet HTML 86Page - STMicroelectronics ST7FOXK1 Datasheet HTML 87Page - STMicroelectronics ST7FOXK1 Datasheet HTML 88Page - STMicroelectronics ST7FOXK1 Datasheet HTML 89Page - STMicroelectronics ST7FOXK1 Datasheet HTML 90Page - STMicroelectronics ST7FOXK1 Datasheet HTML 91Page - STMicroelectronics ST7FOXK1 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
88/226
When a break function is activated (BA bit =1 and BREN1/BREN2 =1):
●
The break pattern (PWM[3:0] bits in the BREAKCR) is forced directly on the PWMx
output pins if respective OEx is set. (after the inverter).
●
The 12-bit PWM counter CNTR1 is put to its reset value, i.e. 00h (if BREN1 = 1).
●
The 12-bit PWM counter CNTR2 is put to its reset value,i.e. 00h (if BREN2 = 1).
●
ATR1, ATR2, Preload and Active DCRx are put to their reset values.
●
Counters stop counting.
When the break function is deactivated after applying the break (BA bit goes from 1 to 0 by
software), Timer takes the control of PWM ports.
Note:
The break function of the ST7FOXK2 is different from the break function of the
ST7FOXF1/ST7FOXK1. Refer to Figure 41: ST7FOXF1/ST7FOXK1 Block diagram of break
function on page 88 and Figure 42: ST7FOXK2 Block diagram of break function on page 89
Figure 41.
ST7FOXF1/ST7FOXK1 Block diagram of break function
PWM0
PWM1
PWM2
PWM3
PWM0
PWM1
PWM2
PWM3
BREAKCR register
BREAK pin
(Inverters)
PWM0
PWM1
PWM2
PWM3
BPEN
BA
Level
Selection
BRSEL
BREDGE BREAKCR register
ENCNTR2 bit
BREN1
BREN2
BREAKEN register
PWM0/1 Break Enable
PWM2/3 Break Enable
OEx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com