Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 88Page - STMicroelectronics ST7FOXK1 Datasheet HTML 89Page - STMicroelectronics ST7FOXK1 Datasheet HTML 90Page - STMicroelectronics ST7FOXK1 Datasheet HTML 91Page - STMicroelectronics ST7FOXK1 Datasheet HTML 92Page - STMicroelectronics ST7FOXK1 Datasheet HTML 93Page - STMicroelectronics ST7FOXK1 Datasheet HTML 94Page - STMicroelectronics ST7FOXK1 Datasheet HTML 95Page - STMicroelectronics ST7FOXK1 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
92/226
Since the Input Capture flags (ICF) for both timers (AT4 timer and LT timer) are set when
signal transition occurs, software must mask one interrupt by clearing the corresponding
ICIE bit before setting the ICS bit.
If the ICS bit changes (from 0 to 1 or from 1 to 0), a spurious transition might occur on the
Input Capture signal because of different values on LTIC and ATIC. To avoid this situation, it
is recommended to do as follows:
1.
First, reset both ICIE bits.
2.
Then set the ICS bit.
3.
Reset both ICF bits.
4.
And then set the ICIE bit of desired interrupt.
Computing a pulse length in long Input Capture mode is not straightforward since both
timers are used. The following steps are required:
1.
At the first Input Capture on the rising edge of the pulse, we assume that values in the
registers are the following:
–
LTICR = LT1
–
ATICRH = ATH1
–
ATICRL = ATL1
–
Hence ATICR1 [11:0] = ATH1 & ATL1. Refer to Figure 47 on page 93.
2.
At the second Input Capture on the falling edge of the pulse, we assume that the values
in the registers are as follows:
–
LTICR = LT2
–
ATICRH = ATH2
–
ATICRL = ATL2
–
Hence ATICR2 [11:0] = ATH2 & ATL2.
Now pulse width P between first capture and second capture is given by:
where N is the number of overflows of 12-bit CNTR1.
P
decimal
F9
LT1
–
LT2
1
++
()
×
0.004ms
×
decimal FFF
N
×
() N ATICR2 ATICR1
–
1
–
++
() 1ms
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com