Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 11Page - STMicroelectronics ST7FOXK1 Datasheet HTML 12Page - STMicroelectronics ST7FOXK1 Datasheet HTML 13Page - STMicroelectronics ST7FOXK1 Datasheet HTML 14Page - STMicroelectronics ST7FOXK1 Datasheet HTML 15Page - STMicroelectronics ST7FOXK1 Datasheet HTML 16Page - STMicroelectronics ST7FOXK1 Datasheet HTML 17Page - STMicroelectronics ST7FOXK1 Datasheet HTML 18Page - STMicroelectronics ST7FOXK1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Pin description
15/226
2
Pin description
Figure 2.
32-pin SDIP package pinout
Figure 3.
32-pin LQFP 7x7 package pinout
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
ei1
eix
associated external interrupt vector
(HS) 20mA high sink capability
ATPWM0/PA2(HS)
BREAK1/PC7
OCMP1_A1)/PA0(HS)
ATIC/PA1(HS)
ATPWM1/PA3(HS)
I2CCLK/PA7(HS)
RESET
ATPWM3/PA5(HS)
ATPWM2/MCO/PA4(HS)
I2CDATA/PA6(HS)
VDDA
PB0/AIN0
PB1/AIN1/CLKIN
VSS
OSC1/CLKIN
OSC2
VSSA
PB2/AIN2
VDD
PB3/AIN3/MOSI1)
PC1/AIN9/ICAP2_A1)
PC0/AIN8/ICAP1_A1)
PB7/AIN7/SS/OCMP2_A1)
PB6/AIN6/SCK1)
PB5/AIN5/EXTCLK_A1)
PB4/AIN4/MISO1)
PC6
PC5/BREAK2
PC4/LTIC
PC3/ICCCLK
PC2/ICCDATA
NC
ei2
ei0
ei2
ei2
Note 1: Available on 8K version only
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 1011 12131415 16
1
2
3
4
5
6
7
8
PB6/AIN6/SCK
PB5/AIN5/EXTCLK_A
PB4/AIN4/MISO
PB3/AIN3/MOSI
PC2/ICCDATA
PC1/AIN9/ICAP2_A
PC0/AIN8/ICAP1_A
PB7/AIN7/SS/OCMP2_A
eix
associated external interrupt vector
(HS) 20mA high sink capability
I2CCLK/PA7(HS)
RESET
ATPWM2/MCO/PA4(HS)
I2CDATA/PA6(HS)
VDD
NC
ATPWM3/PA5(HS)
ATPWM1/PA3(HS)
ei0
ei2
ei1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com