Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 19Page - STMicroelectronics ST7FOXK1 Datasheet HTML 20Page - STMicroelectronics ST7FOXK1 Datasheet HTML 21Page - STMicroelectronics ST7FOXK1 Datasheet HTML 22Page - STMicroelectronics ST7FOXK1 Datasheet HTML 23Page - STMicroelectronics ST7FOXK1 Datasheet HTML 24Page - STMicroelectronics ST7FOXK1 Datasheet HTML 25Page - STMicroelectronics ST7FOXK1 Datasheet HTML 26Page - STMicroelectronics ST7FOXK1 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Register and memory mapping
23/226
0055h
0056h
0057h
0058h
0059h
005Ah
005Bh
005Ch
005Dh
005Eh
005Fh
0060h
0061h
0062h
0063h
16-bit
Timer(4)
TACR2
TACR1
TACSR
TAICHR1
TAICLR1
TAOCHR1
TAOCLR1
TACHR
TACLR
TAACHR
TAACLR
TAICHR2
TAICLR2
TAOCHR2
TAOCLR2
Timer A Control register 2
Timer A Control register 1
Timer A Control/status register
Timer A Input capture 1 high register
Timer A Input capture 1 low register
Timer A Output compare 1 high register
Timer A Output compare 1 low register
Timer A Output counter high register
Timer A Output counter low register
Timer A Alternate counter high register
Timer A Alternate counter low register
Timer A Input capture 2 high register
Timer A Input capture 2 low register
Timer A Output compare 2 high register
Timer A Output compare 2 low register
00h
00h
00h
xxh
xxh
80h
00h
FFh
FCh
FFh
FCh
xxh
xxh
80h
00h
R/W
R/W
Read Only
Read Only
Read Only
R/W
R/W
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
R/W
R/W
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
I2C
I2CCR
I2CSR1
I2CSR2
I2CCCR
I2COAR1
I2COAR2
I2CDR
I2C Control register
I2C Status register 1
I2C Status register 2
I2C Clock Control register
I2C Own Address register 1
I2C Own Address register 2
I2C Data register
00h
00h
00h
00h
00h
40h
00h
R/W
Read only
Read only
R/W
R/W
R/W
R/W
0070h
0071h
0072h
SPI(4)
SPIDR
SPICR
SPISR
SPI Data register
SPI Control register
SPI Status register
0xh
00h
xxh
R/W
R/W
R/W
1.
Legend: x=undefined, R/W=read/write.
2.
Reset status is 03h for ST7FOXK2 and 00h for ST7FOXF1 and ST7FOXK1
3. For a description of the Debug Module registers, see ICC protocol reference manual.
4.
Available on ST7FOXK2 only
Table 4.
Hardware register map(1) (continued)
Address
Block
Register label
Register name
Reset status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com