Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 12Page - STMicroelectronics ST7FOXK1 Datasheet HTML 13Page - STMicroelectronics ST7FOXK1 Datasheet HTML 14Page - STMicroelectronics ST7FOXK1 Datasheet HTML 15Page - STMicroelectronics ST7FOXK1 Datasheet HTML 16Page - STMicroelectronics ST7FOXK1 Datasheet HTML 17Page - STMicroelectronics ST7FOXK1 Datasheet HTML 18Page - STMicroelectronics ST7FOXK1 Datasheet HTML 19Page - STMicroelectronics ST7FOXK1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 226 page
background image
Pin description
ST7FOXF1, ST7FOXK1, ST7FOXK2
16/226
Legend / Abbreviations for Table 2:
Type: I = input, O = output, S = supply
In/Output level: CT = CMOS 0.3VDD/0.7VDD with input trigger
Output level: HS = 20 mA high sink (on N-buffer only)
Port and control configuration:
●
Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog
●
Output: OD = open drain, PP = push-pull
The RESET configuration of each pin is shown in bold which is valid as long as the device is
in reset state.
Table 2.
Device pin description (32-pin packages)
Pin
number
Pin name
Level
Port/control
Main
function
(after
reset)
Alternate
function
Input
Output
1
5
PA3(HS)/ATPWM1
I/O
CT
HS
x
ei0
xx
Port A3
(HS)
ATPWM1
26
PA4(HS)/
ATPWM2/MCO
I/O
CT
HS
x
xx
Port A4
(HS)
ATPWM2/
MCO
3
7
PA5 (HS)ATPWM3
I/O
CT
HS
x
xx
Port A5
(HS)
ATPWM3
48
PA6(HS)/
I2CDATA/SCK(2)
I/O
CT
HS
x
ei0
T
Port A6
(HS)
I2CDATA/SPI
serial clock
59
PA7(HS)/I2CCLK/SS
(2)
I/O
CT
HS
x
T
Port A7
(HS)
I2CCLK/SPI
slave select
(active low)
6
10
RESET
x
x
Reset
812
VDD
(3)
S
Digital Supply Voltage
913
VSS
(3)
S
Digital Ground Voltage
10
14
OSC1/CLKIN
I
Resonator oscillator
inverter input or External
clock input
11
15
OSC2
O
Resonator oscillator output
12
16
VSSA
(3)
S
Analog Ground Voltage
13
17
VDDA
(3)
S
Analog Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com