Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 148Page - STMicroelectronics ST7FOXK1 Datasheet HTML 149Page - STMicroelectronics ST7FOXK1 Datasheet HTML 150Page - STMicroelectronics ST7FOXK1 Datasheet HTML 151Page - STMicroelectronics ST7FOXK1 Datasheet HTML 152Page - STMicroelectronics ST7FOXK1 Datasheet HTML 153Page - STMicroelectronics ST7FOXK1 Datasheet HTML 154Page - STMicroelectronics ST7FOXK1 Datasheet HTML 155Page - STMicroelectronics ST7FOXK1 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
152/226
I2C Status register 1 (I2CSR1)
Reset value: 0000 0000 (00h)
Bit 7 = EVF Event flag
This bit is set by hardware as soon as an event occurs. It is cleared by software reading
SR2 register in case of error event or as described in Figure 71. It is also cleared by
hardware when the interface is disabled (PE=0).
0: No event
1: One of the following events has occurred:
–
BTF=1 (byte received or transmitted)
–
ADSL=1 (Address matched in Slave mode while ACK=1)
–
SB=1 (Start condition generated in Master mode)
–
AF=1 (No acknowledge received after byte transmission)
–
STOPF=1 (Stop condition detected in Slave mode)
–
ARLO=1 (Arbitration lost in Master mode)
–
BERR=1 (Bus error, misplaced Start or Stop condition detected)
–
ADD10=1 (Master has sent header byte)
–
Address byte successfully transmitted in Master mode.
Bit 6 = ADD10 10-bit addressing in Master mode
This bit is set by hardware when the master has sent the first byte in 10-bit address
mode. It is cleared by software reading SR2 register followed by a write in the DR
register of the second address byte. It is also cleared by hardware when the peripheral
is disabled (PE=0).
0: No ADD10 event occurred.
1: Master has sent first address byte (header)
Bit 5 = TRA Transmitter/Receiver bit
When BTF is set, TRA=1 if a data byte has been transmitted. It is cleared automatically
when BTF is cleared. It is also cleared by hardware after detection of Stop condition
(STOPF=1), loss of bus arbitration (ARLO=1) or when the interface is disabled (PE=0).
0: Data byte received (if BTF=1)
1: Data byte transmitted
Bit 4 = BUSY Bus busy bit
This bit is set by hardware on detection of a Start condition and cleared by hardware on
detection of a Stop condition. It indicates a communication in progress on the bus. The
BUSY flag of the I2CSR1 register is cleared if a Bus Error occurs.
0: No communication on the bus
1: Communication ongoing on the bus
7
0
EVF
ADD10
TRA
BUSY
BTF
ADSL
M/SL
SB
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com