Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 212 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 212 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 208Page - STMicroelectronics ST7FOXK1 Datasheet HTML 209Page - STMicroelectronics ST7FOXK1 Datasheet HTML 210Page - STMicroelectronics ST7FOXK1 Datasheet HTML 211Page - STMicroelectronics ST7FOXK1 Datasheet HTML 212Page - STMicroelectronics ST7FOXK1 Datasheet HTML 213Page - STMicroelectronics ST7FOXK1 Datasheet HTML 214Page - STMicroelectronics ST7FOXK1 Datasheet HTML 215Page - STMicroelectronics ST7FOXK1 Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 226 page
background image
Device configuration and ordering information
ST7FOXF1, ST7FOXK1, ST7FOXK2
212/226
13.1.2
Option byte 0
OPT 7 = AWUCK Auto Wake Up Clock Selection
0: 32-kHz Oscillator (VLP) selected as AWU clock
1: AWU RC Oscillator selected as AWU clock.
Note:
If this bit is reset, OSCRANGE[2:0] must be set to 100.
OPT6:4 = OSCRANGE[2:0] Oscillator Range
When the internal RC oscillator is not selected (CKSEL1=1), these option bits (and
CKSEL0) select the range of the resonator oscillator current source or the external
clock source.
OPT 3:2 = SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 according to Table 94.
Bit 1 = FMP_R Read-Out Protection
Read-Out Protection, when selected provides a protection against program memory
content extraction and against write access to Flash memory. Erasing the option bytes
when the FMP_R option is selected will cause the whole memory to be erased first,
and the device can be reprogrammed. Refer to Section 4.5 on page 27 and the ST7
Flash Programming Reference Manual for more details.
0: Read-Out Protection off
1: Read-Out Protection on
Table 93.
Selection of the resonator oscillator range
OSCRANGE(1)
1.
When the internal RC oscillator is selected, the CLKSEL option bits must be kept at their default value in
order to select the 256 clock cycle delay (see Section 6.3).
21
0
Typ. frequency range
with Resonator
LP
1~2 MHz
0
0
0
MP
2~4 MHz
0
0
1
MS
4~8 MHz
0
1
0
HS
8~16 MHz
0
1
1
VLP
32.768 kHz
1
0
0
External Clock on OSC1/CLKIN
1
0
1
Reserved
1
1
0
External Clock on PB1
1
1
1
Table 94.
Configuration of sector size
Sector 0 Size
SEC1
SEC0
0.5k
00
1k
01
2k
10
4k
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com