Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C00 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M34C00
Description  3 x 128 bit Serial I²C Bus EEPROM For ee-Tags
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C00 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M34C00 Datasheet HTML 3Page - STMicroelectronics M34C00 Datasheet HTML 4Page - STMicroelectronics M34C00 Datasheet HTML 5Page - STMicroelectronics M34C00 Datasheet HTML 6Page - STMicroelectronics M34C00 Datasheet HTML 7Page - STMicroelectronics M34C00 Datasheet HTML 8Page - STMicroelectronics M34C00 Datasheet HTML 9Page - STMicroelectronics M34C00 Datasheet HTML 10Page - STMicroelectronics M34C00 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
M34C00
Figure 8. Read Sequence
DEV SEL
DATA 0
AI03717
SEQUENTIAL READ
of first N bytes
DATA N-1
ACK
ACK
ACK
NO ACK
R/W
Table 4. Write Time
Note: 1. For the value to tW please see Table 6.
Write
Time1
WRITE to Array-0 (when not protected)
tW
WRITE to Array-0 (when Write-protected)
0
WRITE to Array-1
tW
WRITE to Array-2
tW
protected.
The
Write-protection
feature
is
activated by writing once to the Protection
Register.
The Protection Register is written with the device
select code set to 0110.1110b (as shown in Figure
9). Address and data bytes must be sent with this
command, but their values are all ignored, and are
treated as Don’t Care. Once the Protection
Register has been written, the Write-protection of
the first 16 bytes of the memory is enabled, and it
is not possible to unprotect these 16 bytes, even if
the device is powered off and on.
When the Protection Register has been written,
the M34C00 no longer responds to the device type
identifier
0110b
for
either
Read
or
Write
operations.
Read Operation
Following a Start condition, the bus master sends
a Device Select code with the RW bit set to 1. The
device acknowledges this, and outputs the byte in
location 00h. The counter is then incremented,
and the device continues to output the next byte in
sequence. To terminate the stream of bytes, the
bus master must
not acknowledge the last byte
output, and
must generate a Stop condition, as
shown in Figure 8.
The
output
data
comes
from
consecutive
addresses, with the internal address counter
automatically incremented after each byte output.
After the last memory address, the internal
address counter rolls over, to continue reading
from the start of the memory.
Acknowledge in Read Mode
For all Read commands, the device waits, after
each byte read, for an acknowledgment during the
9th bit time. If the bus master does not pull Serial
Data (SDA) Low during this time, the device
terminates the data transfer and switches to its
Stand-by mode.
Setting the Write-Protection by Writing to the
Protection Register
The M34C00 has a software Write-protection
function, using the Protection Register, that allows
the bottom 16 bytes of the memory area
(addresses 00h to 0Fh) to be permanently Write-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com