Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C00 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M34C00
Description  3 x 128 bit Serial I²C Bus EEPROM For ee-Tags
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C00 Datasheet(HTML) 4 Page - STMicroelectronics

  M34C00 Datasheet HTML 1Page - STMicroelectronics M34C00 Datasheet HTML 2Page - STMicroelectronics M34C00 Datasheet HTML 3Page - STMicroelectronics M34C00 Datasheet HTML 4Page - STMicroelectronics M34C00 Datasheet HTML 5Page - STMicroelectronics M34C00 Datasheet HTML 6Page - STMicroelectronics M34C00 Datasheet HTML 7Page - STMicroelectronics M34C00 Datasheet HTML 8Page - STMicroelectronics M34C00 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
M34C00
4/15
Figure 4. I2C Bus Protocol
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition
must change
only when Serial Clock (SCL) is
driven Low.
Memory Addressing
To start communication between the bus master
and the slave device, the bus master must initiate
a Start condition. Following this, the bus master
sends the 8-bit byte, shown in Table 3, on Serial
Data (SDA) (most significant bit first). This
consists of the 7-bit Device Select code, and the
Read/Write bit (RW).
To address the memory array, the 4-bit Device
Type Identifier is 1010b. To address the Protection
Register, it is 0110b, as shown in Table 3.
The 8th bit is the Read/Write bit (RW). This bit is
set to 1 for Read and 0 for Write operations. If a
match occurs on the Device Select code, the
corresponding device gives an acknowledgment
on Serial Data (SDA) during the 9th bit time. If the
device does not match the Device Select code, it
deselects itself from the bus, and goes into Stand-
by mode.
Memory Partitioning
The memory is divided in three arrays:
s
Array-0: Write-protectable Array (00h to 0Fh)
s
Array-1: EEPROM Array (10h to 1Fh)
s
Array-2: Non-Erasable Memory Array (20h to
2Fh)
The 4 least significant bits of the address byte
determine the byte that is to be addressed within
the given array. The next 2 more significant
address bits determine the array that is to be
addressed (Array-0, Array-1, Array-2 or Invalid).
The 2 most significant address bits are Don’t Care.
If the address is of the form xx11xxxx, the device
recognises that an attempt is being made to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com