Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C00 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M34C00
Description  3 x 128 bit Serial I²C Bus EEPROM For ee-Tags
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C00 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M34C00 Datasheet HTML 5Page - STMicroelectronics M34C00 Datasheet HTML 6Page - STMicroelectronics M34C00 Datasheet HTML 7Page - STMicroelectronics M34C00 Datasheet HTML 8Page - STMicroelectronics M34C00 Datasheet HTML 9Page - STMicroelectronics M34C00 Datasheet HTML 10Page - STMicroelectronics M34C00 Datasheet HTML 11Page - STMicroelectronics M34C00 Datasheet HTML 12Page - STMicroelectronics M34C00 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
M34C00
Table 5. DC Characteristics (TA = –40 to 85 °C; VCC = 2.5 to 5.5 V)
Table 6. AC Characteristics
Note: 1. For a reStart condition, or following a Write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage
Current
SCL, SDA
0 V
≤ VIN ≤ VCC
± 2
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =5.5V, fc=400kHz (rise/fall time <
30ns)
2mA
VCC =2.5V, fc=400kHz (rise/fall time <
30ns)
1mA
ICC1
Supply Current
(Stand-by)
VIN = VSS or VCC , VCC = 5.5 V
2µA
VIN = VSS or VCC , VCC = 2.5 V
1
µA
VIL
Input Low
Voltage
SCL, SDA
–0.3
0.3VCC
V
VIH
Input High
Voltage
SCL, SDA
0.7VCC
VCC+1
V
VOL
Output Low
Voltage
IOL = 3 mA, VCC = 5.5 V
0.4
V
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
Symbol
Alt.
Parameter
M34C00
Unit
VCC=2.5 to 5.5V
TA = –40 to 85°C
Min
Max
tCH1CH2
tR
Clock Rise Time
300
ns
tCL1CL2
tF
Clock Fall Time
300
ns
tDH1DH2 2
tR
SDA Rise Time
20
300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
ns
tCHCL
tHIGH
Clock Pulse Width High
600
ns
tCLCH
tLOW
Clock Pulse Width Low
1.3
µs
tCHDX 1
tSU:STA
START Set-up Time
600
ns
tDLCL
tHD:STA
START Hold Time
600
ns
tDXCX
tSU:DAT
SDA In Set-up Time
100
ns
tCLDX
tHD:DAT
SDA In Hold Time
0
µs
tCHDH
tSU:STO
STOP Set-up Time
600
ns
tDHDL
tBUF
Time the bus must be free between STOP and next START
1.3
µs
tCLQV 3
tAA
Clock Low to SDA Out Valid
200
900
ns
tCLQX
tDH
SDA Out Hold Time after Clock Low
200
ns
fC
fSCL
Clock Frequency
400
kHz
tW
tWR
Write Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com