Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C00 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M34C00
Description  3 x 128 bit Serial I²C Bus EEPROM For ee-Tags
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C00 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M34C00 Datasheet HTML 6Page - STMicroelectronics M34C00 Datasheet HTML 7Page - STMicroelectronics M34C00 Datasheet HTML 8Page - STMicroelectronics M34C00 Datasheet HTML 9Page - STMicroelectronics M34C00 Datasheet HTML 10Page - STMicroelectronics M34C00 Datasheet HTML 11Page - STMicroelectronics M34C00 Datasheet HTML 12Page - STMicroelectronics M34C00 Datasheet HTML 13Page - STMicroelectronics M34C00 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
M34C00
10/15
Figure 12. AC Waveforms
SCL
SDA In
SCL
SDA Out
SCL
SDA In
tCHCL
tDLCL
tCHDX
START
Condition
tCLCH
tDXCX
tCLDX
SDA
Input
SDA
Change
tCHDH
tDHDL
STOP
Condition
Data Valid
tCLQV
tCLQX
tCHDH
STOP
Condition
tCHDX
START
Condition
Write Cycle
tW
AI00795C
START
Condition
Figure 11. AC Measurement Conditions
AI03766
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input Rise and Fall Times
<= 50 ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
Table 7. Input Parameters 1(TA = 25 °C, f = 400 kHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
Single glitch
100
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com