Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C00 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M34C00
Description  3 x 128 bit Serial I²C Bus EEPROM For ee-Tags
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C00 Datasheet(HTML) 1 Page - STMicroelectronics

  M34C00 Datasheet HTML 1Page - STMicroelectronics M34C00 Datasheet HTML 2Page - STMicroelectronics M34C00 Datasheet HTML 3Page - STMicroelectronics M34C00 Datasheet HTML 4Page - STMicroelectronics M34C00 Datasheet HTML 5Page - STMicroelectronics M34C00 Datasheet HTML 6Page - STMicroelectronics M34C00 Datasheet HTML 7Page - STMicroelectronics M34C00 Datasheet HTML 8Page - STMicroelectronics M34C00 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
PRELIMINARY DATA
August 2001
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M34C00
3 x 128 bit Serial I²C Bus EEPROM
For ee-Tags
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
8
1
Figure 1. Logic Diagram
AI03394
SDA
VCC
M34C00
SCL
VSS
Table 1. Signal Names
SDA
Serial Data
SCL
Serial Clock
VCC
Supply Voltage
VSS
Ground
s
Two-Wire I2C Serial Interface
Supports 400 kHz Protocol
s
2.5 V to 5.5 V Single Supply Voltage
s
384-bit EEPROM divided in three areas:
– 128 bits of non-erasable memory
– 128 bits of standard EEPROM
– 128 bits that can be permanently Write-
protected (to behave as ROM)
s
Self-Timed Program Cycle
s
Enhanced ESD/Latch-Up Protection
s
More than 1 Million Erase/Write Cycles
s
More than 40 Year Data Retention
DESCRIPTION
The M34C00 is a 384-bit serial EEPROM. The
bottom third of the memory area (from location 00h
to 0Fh) can be Write-protected using a specially
designed software Write-protection mechanism.
By sending the device a specific sequence, the
first 128 bits of the memory become permanently
Write-protected. Care must be taken when using
this sequence as its effect cannot be reversed.
The top third of the memory area (from location
20h to 2Fh) is already configured to give the
functional equivalence of a non-erasable memory.
That is, it is initialized to all 1s (FFh), and the user
is able to reset any number of those 1s to 0; but
there is no mechanism for the user to set a 0 back
to a 1.
The M34C00 is a 384-bit electrically erasable
programmable memory (EEPROM), organized as
48 x 8 bits.


Similar Part No. - M34C00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
27-Dec-1999
M34C02-L STMICROELECTRONICS-M34C02-L Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LBN6T STMICROELECTRONICS-M34C02-LBN6T Datasheet
147Kb / 19P
2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
27-Dec-1999
M34C02-LDW1G STMICROELECTRONICS-M34C02-LDW1G Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LDW1P STMICROELECTRONICS-M34C02-LDW1P Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
More results

Similar Description - M34C00

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA00 MICROCHIP-24AA00 Datasheet
156Kb / 18P
128 Bit I2C Bus Serial EEPROM
2003
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
128-bit Serial EEPROM
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
128-Bit Serial EEPROM
logo
Microchip Technology
24AA00 MICROCHIP-24AA00_07 Datasheet
378Kb / 24P
128 Bit I2C Bus Serial EEPROM
2007
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
128-Bit I2C??Bus Serial EEPROM
2007
24LC00T-IOTG MICROCHIP-24LC00T-IOTG Datasheet
788Kb / 34P
128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
128-Bit I2C Bus Serial EEPROM
12/08/06
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
128-Bit I2C??Bus Serial EEPROM
08/02/11
24AA00 MICROCHIP-24AA00_V01 Datasheet
685Kb / 34P
128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
logo
STMicroelectronics
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com