Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C00 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M34C00
Description  3 x 128 bit Serial I²C Bus EEPROM For ee-Tags
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C00 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M34C00 Datasheet HTML 7Page - STMicroelectronics M34C00 Datasheet HTML 8Page - STMicroelectronics M34C00 Datasheet HTML 9Page - STMicroelectronics M34C00 Datasheet HTML 10Page - STMicroelectronics M34C00 Datasheet HTML 11Page - STMicroelectronics M34C00 Datasheet HTML 12Page - STMicroelectronics M34C00 Datasheet HTML 13Page - STMicroelectronics M34C00 Datasheet HTML 14Page - STMicroelectronics M34C00 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
M34C00
Table 8. Ordering Information Scheme
Example:
M34C00
–W
MN
6
T
Operating Voltage
Option
W
2.5 V to 5.5 V
T
Tape and Reel Packing
Package
Temperature Range
MN
SO8 (150 mil width)
6
–40 °C to 85 °C
DW
TSSOP8 (169 mil width)
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all 1s (FFh), and the
Protection Register set at all 0s (00h).
The notation used for the device number is as
shown in Table 8. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact your
nearest ST Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com