Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA620DBVR Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 14Page - Texas Instruments OPA620DBVR Datasheet HTML 15Page - Texas Instruments OPA620DBVR Datasheet HTML 16Page - Texas Instruments OPA620DBVR Datasheet HTML 17Page - Texas Instruments OPA620DBVR Datasheet HTML 18Page - Texas Instruments OPA620DBVR Datasheet HTML 19Page - Texas Instruments OPA620DBVR Datasheet HTML 20Page - Texas Instruments OPA620DBVR Datasheet HTML 21Page - Texas Instruments OPA620DBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Table 9-1. Design Parameters (continued)
PARAMETER
EXAMPLE VALUE
RSense
15mΩ
R1
5.1Ω
R2
510Ω
9.2.1.2 Detailed Design Procedure
RSense is chosen in the range of milli ohms for lower power dissipation and high gain due to precision
characteristic of OPA620. The op-amp's low offset voltage and rail to rail output are able to significantly impact
measurement accuracy, especially when the shunt voltage is small or the sensed current is low. A larger output
voltage swing post calibration allows a larger gain and smaller RSense for improved accuracy and lower power
dissipation.
The output voltage is given by,
VOUT = G × ISense × RSense,   where G = R2R1 = 100V/V
(1)
Output offset, VOSOUT = VOSIN× G = ±1mV × 100 = ±0.1mV
(2)
Max Output Swing, VOPP = VMAXOUT− 2 ×VOSOUT ,where VMAXOUT is maximum voltage swing at the output (3)
VOPP = 3.3− 0.2 − 2 ×0.1mV =2.9V 
(4)
Hence, having precision amplifier gives a larger usable output swing. This setup is a great choice for electric
vehicle systems like traction inverters, onboard chargers, and DC/DC converters, where minor current changes
and responding to current faults in < 1μs is essential for protecting SiC/GaN-based power stages.
9.2.1.3 Application Curve
Max VOS (mV)
0
2
4
6
8
10
12
14
0.5
1
1.5
2
2.5
3
3.5
OPA620
Next Best
VS = 3.3V
Figure 9-2. Max VOS vs Max Output Swing
OPA620
SLOSEG2 – APRIL 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com