Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA620DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 17Page - Texas Instruments OPA620DBVR Datasheet HTML 18Page - Texas Instruments OPA620DBVR Datasheet HTML 19Page - Texas Instruments OPA620DBVR Datasheet HTML 20Page - Texas Instruments OPA620DBVR Datasheet HTML 21Page - Texas Instruments OPA620DBVR Datasheet HTML 22Page - Texas Instruments OPA620DBVR Datasheet HTML 23Page - Texas Instruments OPA620DBVR Datasheet HTML 24Page - Texas Instruments OPA620DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
9.4 Layout
9.4.1 Layout Guidelines
Employ good, high-frequency printed-circuit board (PCB) layout techniques for the OPA620. Generous use of
ground planes, short and direct signal traces, and an excellent choice of bypass capacitor located at the V+ pin
provide clean, stable operation. Large areas of copper provides a means of dissipating heat that is generated in
normal operation.
TI does not recommend using sockets with any high-speed amplifier.
A 10nF ceramic bypass capacitor is the minimum recommended value; adding a 1µF or larger tantalum
capacitor in parallel is beneficial when driving a low-resistance load. Providing adequate bypass capacitance
is essential to achieving low harmonic and inter-modulation distortion.
9.4.1.1 Power Dissipation
Power dissipation depends on power-supply voltage, signal and load conditions. With dc signals, power
dissipation is equal to the product of output current times the voltage across the conducting output transistor,
VS − VO. Power dissipation is minimized by using the lowest possible power-supply voltage necessary to provide
the required output voltage swing.
For resistive loads, the maximum power dissipation occurs at a dc output voltage of one-half the power-supply
voltage. Dissipation with ac signals is less. The Power Amplifier Stress and Power Handling Limitations
application bulletin explains how to calculate or measure power dissipation with unusual signals and loads.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heat sink. For reliable operation, limit the maximum junction temperature to the value listed in Section 6.3. To
estimate the margin of safety in a complete design, increase the ambient temperature until the thermal protection
is triggered at 160°C. The thermal protection must trigger more than 35°C greater than the maximum expected
ambient condition of the application.
www.ti.com
OPA620
SLOSEG2 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com