Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA620DBVR Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 2Page - Texas Instruments OPA620DBVR Datasheet HTML 3Page - Texas Instruments OPA620DBVR Datasheet HTML 4Page - Texas Instruments OPA620DBVR Datasheet HTML 5Page - Texas Instruments OPA620DBVR Datasheet HTML 6Page - Texas Instruments OPA620DBVR Datasheet HTML 7Page - Texas Instruments OPA620DBVR Datasheet HTML 8Page - Texas Instruments OPA620DBVR Datasheet HTML 9Page - Texas Instruments OPA620DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6.5 Electrical Characteristics
at TA = 25°C, RF = 0Ω, RL = 1kΩ, and connected to VS/2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5.5V, TA = 25°C
±300
µV
VS = 5.5V, TA = –40°C to +125°C
±1
mV
dVOS/dT
Input offset voltage drift
VS = 5.5V, TA = –40°C to +125°C
±1.2
µV/°C
PSRR
Power-supply rejection ratio
VS = 2.7V to 5.5V, VCM = (VS / 2) − 0.55V
±30
±100
µV/V
PSRR
Power-supply rejection ratio
VS = 2.7V to 5.5V, VCM = (VS / 2) – 0.55V,
TA = –40°C to +125°C
±200
µV/V
INPUT BIAS CURRENT
IB
Input bias current(2)
3
±50
pA
IOS
Input offset current(2)
±1
±50
NOISE
en
Input voltage noise density
f = 1MHz
5.5
nV/√Hz
in
Input current noise density
f = 1MHz
300
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
VS = 5.5V, –0.1V < VCM < 3.5V, TA = 25°C
75
96
dB
VS = 5.5V, –0.1V < VCM < 3.5V,
TA = –40℃ to +125℃
70
dB
VS = 5.5V, –0.1V < VCM < 5.6V, TA = 25°C
66
68
dB
VS = 5.5V, –0.1V < VCM < 5.6V,
TA = –40℃ to +125℃
55
dB
INPUT IMPEDANCE
CIN
Differential
1013 || 2
Ω || pF
Common-mode
1013 || 2
OPEN-LOOP GAIN
AOL
Open-loop gain
VS = 5.5V, 0.3V < VO < 5.2V,
TA = 25°C
100
120
dB
VS = 5.5V, 0.4V < VO < 5.1V,
TA = –40 to +125℃
90
FREQUENCY RESPONSE
f−3dB
Small-signal bandwidth
G = +1, VO = 100mVPP, RF = 25Ω
250
MHz
G = +2, VO = 100mVPP , RF = 604Ω
90
GBW
Gain-bandwidth product
G = +10
100
MHz
f0.1dB
Bandwidth for 0.1dB gain flatness
G = +2, VO = 100mVPP
40
MHz
SR
Slew rate
VS = 5.5V, G = +1, 4V step
190
V/µs
VS = 5.5V, G = +1, 2V step
150
VS = 3V, G = +1, 2V step
130
Rise-and-fall time
G = +1, VO = 200mVPP, 10% to 90%
3
ns
G = +1, VO = 2VPP, 10% to 90%
11
tS
Settling time
0.1%, VS = 5V, G = +1, 2V output step
30
ns
0.01%, VS = 5V, G = +1, 2V output step
60
Overdrive recovery time
VIN × G = VS
20
ns
HD2
Second-order harmonic distortion
G = +1, f = 1MHz, VO = 2VPP, RL = 200Ω,
VCM = (V–) + 1.5V
–79
dBc
HD3
Third-order harmonic distortion
G = +1, f = 1MHz, VO = 2VPP, RL = 200Ω,
VCM = (V–) + 1.5V
–77
dBc
OPA620
SLOSEG2 – APRIL 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com