Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA620DBVR Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 8Page - Texas Instruments OPA620DBVR Datasheet HTML 9Page - Texas Instruments OPA620DBVR Datasheet HTML 10Page - Texas Instruments OPA620DBVR Datasheet HTML 11Page - Texas Instruments OPA620DBVR Datasheet HTML 12Page - Texas Instruments OPA620DBVR Datasheet HTML 13Page - Texas Instruments OPA620DBVR Datasheet HTML 14Page - Texas Instruments OPA620DBVR Datasheet HTML 15Page - Texas Instruments OPA620DBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS / 2, unless otherwise noted.
Offset Voltage (
V)
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
Figure 6-25. Offset Voltage Production Distribution
Te mperature (
C)
-55
-35
-15
5
25
45
65
85
105
125
50
60
70
80
90
100
110
120
CMRR
PSRR
Figure 6-26. Common-mode Rejection Ratio and Power-supply
Rejection Ratio vs Temperature
Time (20ns/div)
2.32
2.38
2.44
2.5
2.56
2.62
2.68
2.74
2.8
2.86
2.92
Input
Output
VIN = 5.7V, VOUT = 5.5V, Frequency = 500kHz
Figure 6-27. Overdrive Recovery
OPA620
SLOSEG2 – APRIL 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com