Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA620DBVR Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 3 Page - Texas Instruments

  OPA620DBVR Datasheet HTML 1Page - Texas Instruments OPA620DBVR Datasheet HTML 2Page - Texas Instruments OPA620DBVR Datasheet HTML 3Page - Texas Instruments OPA620DBVR Datasheet HTML 4Page - Texas Instruments OPA620DBVR Datasheet HTML 5Page - Texas Instruments OPA620DBVR Datasheet HTML 6Page - Texas Instruments OPA620DBVR Datasheet HTML 7Page - Texas Instruments OPA620DBVR Datasheet HTML 8Page - Texas Instruments OPA620DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
4 Device Comparison Table
FEATURES
PRODUCT
100MHz GBW, RRIO, CMOS
OPAx354
Shutdown version of OPAx354 family
OPAx357
200MHz GBW, rail-to-rail output, CMOS, shutdown
OPAx355
200MHz GBW, rail-to-rail output, CMOS
OPAx356
38MHz GBW, rail-to-rail input/output, CMOS
OPAx350, OPAx353
75MHz BW G = 2, rail-to-rail output
OPA2631
150MHz BW G = 2, rail-to-rail output
OPA2634
100MHz BW, differential input/output, 3.3V supply
THS412x
www.ti.com
OPA620
SLOSEG2 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com