Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA620DBVR Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA620DBVR
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA620DBVR Datasheet HTML 5Page - Texas Instruments OPA620DBVR Datasheet HTML 6Page - Texas Instruments OPA620DBVR Datasheet HTML 7Page - Texas Instruments OPA620DBVR Datasheet HTML 8Page - Texas Instruments OPA620DBVR Datasheet HTML 9Page - Texas Instruments OPA620DBVR Datasheet HTML 10Page - Texas Instruments OPA620DBVR Datasheet HTML 11Page - Texas Instruments OPA620DBVR Datasheet HTML 12Page - Texas Instruments OPA620DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS / 2, unless otherwise noted.
Gain (V/V)
-100
-90
-80
-70
-60
-50
1
10
HD2
HD3
VO = 2VPP, f = 1MHz, RL = 200Ω
Figure 6-7. Harmonic Distortion vs Non-inverting Gain
Gain (V/V)
-100
-90
-80
-70
-60
-50
1
10
HD2
HD3
VO = 2VPP, f = 1MHz, RL = 200Ω
Figure 6-8. Harmonic Distortion vs Inverting Gain
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
100k
1M
10M
HD2
HD3
VO = 2VPP, RL = 200Ω, VCM = 1.5V
Figure 6-9. Harmonic Distortion vs Frequency
RL ()
-100
-90
-80
-70
-60
-50
100
1k
HD2
HD3
VO = 2VPP, f = 1MHz, VCM = 1.5V
Figure 6-10. Harmonic Distortion vs Load Resistance
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100M
1
10
100
1k
10k
Voltage Noise
Current Noise
Figure 6-11. Input Voltage and Current Noise Spectral Density
vs Frequency
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
RL = 50
RL = 100
RL = 1k
RL = 10k
VO = 0.1Vpp, CL = 0pF
Figure 6-12. Frequency Response vs Various RL Values
www.ti.com
OPA620
SLOSEG2 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com