Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC12864ARS-0 Datasheet(PDF) 33 Page - Powertip Technology

Part # PC12864ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-0 Datasheet(HTML) 33 Page - Powertip Technology

Back Button PC12864ARS-0 Datasheet HTML 29Page - Powertip Technology PC12864ARS-0 Datasheet HTML 30Page - Powertip Technology PC12864ARS-0 Datasheet HTML 31Page - Powertip Technology PC12864ARS-0 Datasheet HTML 32Page - Powertip Technology PC12864ARS-0 Datasheet HTML 33Page - Powertip Technology PC12864ARS-0 Datasheet HTML 34Page - Powertip Technology PC12864ARS-0 Datasheet HTML 35Page - Powertip Technology PC12864ARS-0 Datasheet HTML 36Page - Powertip Technology PC12864ARS-0 Datasheet HTML 37Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
ST7066U
V2.0
2001/03/01
10/42
#" Display Data RAM (DDRAM)
Display data RAM (DDRAM) stores display data represented in 8-bit character codes. Its extended capacity is 80
x 8 bits, or 80 characters. The area in display data RAM (DDRAM) that is not used for display can be used as
general data RAM. See Figure 1 for the relationships between DDRAM addresses and positions on the liquid
crystal display.
The DDRAM address (ADD ) is set in the address counter (AC) as hexadecimal.
$" 1-line display (N = 0) (Figure 2)
When there are fewer than 80 display characters, the display begins at the head position. For
example, if using only the ST7066U, 8 characters are displayed. See Figure 3.
When the display shift operation is performed, the DDRAM address shifts. See Figure 3.
Figure 1 DDRAM Address
Figure 2 1-Line Display
Figure 3 1-Line by 8-Character Display Example
$" 2-line display (N = 1) (Figure 4)
Case 1: When the number of display characters is less than 40
× 2 lines, the two lines are displayed from the head. Note
that the first line end address and the second line start address are not consecutive. For example, when just the
ST7066U is used, 8 characters
× 2 lines are displayed. See Figure 5.
AC6 AC5 AC4 AC3 AC2 AC1 AC0
1
0
0
1
1
1
1
High Order
bits
Low Order
bits
AC
Example: DDRAM Address 4F
00
01
02
03
04
05
4D
4E
4F
DDRAM Address
………………..
1
2
3
4
5
6
80
79
78
Display
Position
(Digit)
00
01
02
03
04
05
06
07
DDRAM
Address
1
2
3
4
5
6
8
7
Display
Position
08
01
02
03
04
05
06
07
00
01
02
03
04
05
06
4F
For
Shift Left
For
Shift Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com