Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC12864ARS-0 Datasheet(PDF) 7 Page - Powertip Technology

Part # PC12864ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-0 Datasheet(HTML) 7 Page - Powertip Technology

Back Button PC12864ARS-0 Datasheet HTML 3Page - Powertip Technology PC12864ARS-0 Datasheet HTML 4Page - Powertip Technology PC12864ARS-0 Datasheet HTML 5Page - Powertip Technology PC12864ARS-0 Datasheet HTML 6Page - Powertip Technology PC12864ARS-0 Datasheet HTML 7Page - Powertip Technology PC12864ARS-0 Datasheet HTML 8Page - Powertip Technology PC12864ARS-0 Datasheet HTML 9Page - Powertip Technology PC12864ARS-0 Datasheet HTML 10Page - Powertip Technology PC12864ARS-0 Datasheet HTML 11Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
PROFILE
NEWS
TECHNICAL
PRODUCTS
STOCKING
DISTRIBUTOR
SALES
NETWORK
CONTACT
US
Backlight options for LCD modules
EL Backlight
CCFL Backlight
LED Backlight
EL Backlight Precautions For Handling LCD Modules
Flat surface light source offers simple and even illumination over large area.
Max.1.3mm thickness ( Max.
1.5mm for lead portion )
Wide driving condition, 60-
1,000Hz at 150V AC Max. With
inverter, step-up voltage from
1.5V battery is available.
Emitted colors are blue-green,
yellow-green and white.
Operating characteristics of
PC2002-A SERIES is 110V,
400Hz, 8mA, ( Ta=20°C, 60%
RHæ)
Temperature Range:
Operating 0°C~ +50°C
Storage -20°C~ +60°C
Inverter for EL Backlight Drive:
Requires an inverter to operate the EL panel with a battery or DC power supply.
Low inverter loss and high light efficiency since it is designed for EL backlight.
Constant power consumption during operation, given temperature change for extended
hours. This is characterized by the constant supply current, which minimizes the
brightness change of the EL panel.
CCFL Backlight( Cold Cathode Fluorescent Lamp )
Page 1 of 3
Powertip Technology, Inc.
12/10/2004
http://www.powertipusa.com/bl.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com