Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC12864ARS-0 Datasheet(PDF) 21 Page - Powertip Technology

Part # PC12864ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-0 Datasheet(HTML) 21 Page - Powertip Technology

Back Button PC12864ARS-0 Datasheet HTML 17Page - Powertip Technology PC12864ARS-0 Datasheet HTML 18Page - Powertip Technology PC12864ARS-0 Datasheet HTML 19Page - Powertip Technology PC12864ARS-0 Datasheet HTML 20Page - Powertip Technology PC12864ARS-0 Datasheet HTML 21Page - Powertip Technology PC12864ARS-0 Datasheet HTML 22Page - Powertip Technology PC12864ARS-0 Datasheet HTML 23Page - Powertip Technology PC12864ARS-0 Datasheet HTML 24Page - Powertip Technology PC12864ARS-0 Datasheet HTML 25Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
KS0065 2.7 ~ 5.5V
KS0063 2.7 ~ 5.5V
SED1181 5.0V min.
LCD panel: The driving voltage for most all LCD panels is above 3.3V. It is necessary
to then add a "negative voltage" IC on the PCB of the module or to the customer's
motherboard to raise the voltage. A couple of NV generators is as follows:
NV IC: SCI7661 3X with temperature compensation.
SCI7660 2X, dice font available (at a much less expensive cost).
If a NV IC must be incorporated onto the module PCB, there is apt to be
two possible considerations:
1.
Tooling cost
2.
The PCB is too small to accommodate the NV IC. If there is not
sufficient space, a possible solution would be to replace one controller
with a driver, with single controller (such as replacing a KS0066(U) &
KS0065(B) with a KS0070). The per unit cost will be a little greater but it
will save overall space on the PCB and eliminate having to re-tool the
PCB.
Some TAB IC's such as SED1560 series include a power circuit, which
can amplify the input voltage to drive the LCD. In this case it is not
necessary to add a NV IC to raise the voltage.
C. Backlight:
CCFL & EL: These backlight options require an inverter. The inverter
chosen cannot exceed 3.3 Volts.
LED: In an attempt to achieve this 3.3V requirement it is necessary to
use an edge-lit LED. Note this edge-lit LED will still consume a large
current.
10. Reference to Viewing angle:
Viewing Angle is the direction by which the display will look best. This is established
during the manufacturing process and can not be changed by rotating the polarizer.
Viewing direction is specified in terms of a clock position, such as 6:00 & 12:00.
Please refer to the following drawing:
Page 4 of 6
Powertip USA
11/10/2004
http://www.powertipusa.com/qa.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com