Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC12864ARS-0 Datasheet(PDF) 41 Page - Powertip Technology

Part # PC12864ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-0 Datasheet(HTML) 41 Page - Powertip Technology

Back Button PC12864ARS-0 Datasheet HTML 37Page - Powertip Technology PC12864ARS-0 Datasheet HTML 38Page - Powertip Technology PC12864ARS-0 Datasheet HTML 39Page - Powertip Technology PC12864ARS-0 Datasheet HTML 40Page - Powertip Technology PC12864ARS-0 Datasheet HTML 41Page - Powertip Technology PC12864ARS-0 Datasheet HTML 42Page - Powertip Technology PC12864ARS-0 Datasheet HTML 43Page - Powertip Technology PC12864ARS-0 Datasheet HTML 44Page - Powertip Technology PC12864ARS-0 Datasheet HTML 45Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
ST7066U
V2.0
2001/03/01
18/42
!"
Instruction Description
#
#
#
#"
"
"
" Clear Display
Clear all the display data by writing "20H" (space code) to all DDRAM address, and set DDRAM address to
"00H" into AC (address counter). Return cursor to the original status, namely, bring the cursor to the left edge
on first line of the display. Make entry mode increment (I/D = "1").
#
#
#
#"
"
"
" Return Home
Return Home is cursor return home instruction. Set DDRAM address to "00H" into the address counter.
Return cursor to its original site and return display to its original status, if shifted. Contents of DDRAM does
not change.
#
#
#
#"
"
"
" Entry Mode Set
Set the moving direction of cursor and display.
$" I/D : Increment / decrement of DDRAM address (cursor or blink)
When I/D = "High", cursor/blink moves to right and DDRAM address is increased by 1.
When I/D = "Low", cursor/blink moves to left and DDRAM address is decreased by 1.
* CGRAM operates the same as DDRAM, when read from or write to CGRAM.
$" S: Shift of entire display
When DDRAM read (CGRAM read/write) operation or S = "Low", shift of entire display is not performed. If
S = "High" and DDRAM write operation, shift of entire display is performed according to I/D value (I/D =
"1" : shift left, I/D = "0" : shift right).
S
I/D
Description
H
H
Shift the display to the left
H
L
Shift the display to the right
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Code
Code
Code
RS
RS
RS
RW
RW
RW
DB7
DB7
DB7
DB6
DB6
DB6
DB5
DB5
DB5
DB4
DB4
DB4
DB1
DB1
DB1
DB2
DB2
DB2
DB3
DB3
DB3
0
1
I/D
1
x
S
DB0
DB0
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com