Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC12864ARS-0 Datasheet(PDF) 8 Page - Powertip Technology

Part # PC12864ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-0 Datasheet(HTML) 8 Page - Powertip Technology

Back Button PC12864ARS-0 Datasheet HTML 4Page - Powertip Technology PC12864ARS-0 Datasheet HTML 5Page - Powertip Technology PC12864ARS-0 Datasheet HTML 6Page - Powertip Technology PC12864ARS-0 Datasheet HTML 7Page - Powertip Technology PC12864ARS-0 Datasheet HTML 8Page - Powertip Technology PC12864ARS-0 Datasheet HTML 9Page - Powertip Technology PC12864ARS-0 Datasheet HTML 10Page - Powertip Technology PC12864ARS-0 Datasheet HTML 11Page - Powertip Technology PC12864ARS-0 Datasheet HTML 12Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Bright
white
color
of
light
source
offers
clear
and
even
illumination
over
large
viewing
area.
Features:
High
Brightness
Long life time.
Low Power consumption
White color emitted
Direct Illumination
Suitable for multi-color and / or dot matrix LCDP.
Edge
Illumination
Thin
structure
type
of
even
illumination
emits
light
from
tube
-
like
light source over a large area.
Precaution
Inverter for CCFL use output high pressure AC current. Therefore, please pay
attention when you handleinverter and power supply cable of LCD backlight.
LED Backlight
Long life, low power consumption and requires a simple power supply. Available colors
are red, green and orange, available in array type illumination or edge illumination.
Features:
Low driving voltage ( DC ) and does not require an inverter.
Long life of 100,000 hours ( average )
No noise occurrence.
Various colors available in red, green and orange etc. (multi-color by alternative switch is
also available)
Operating characteristics of PC2002-A series is 4.2V, 210mA, 250cd/m
Array
Illumination
A
grid
array
of
leaÍs
provide
even
illumination.
Page 2 of 3
Powertip Technology, Inc.
12/10/2004
http://www.powertipusa.com/bl.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com