Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC12864ARS-0 Datasheet(PDF) 45 Page - Powertip Technology

Part # PC12864ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-0 Datasheet(HTML) 45 Page - Powertip Technology

Back Button PC12864ARS-0 Datasheet HTML 41Page - Powertip Technology PC12864ARS-0 Datasheet HTML 42Page - Powertip Technology PC12864ARS-0 Datasheet HTML 43Page - Powertip Technology PC12864ARS-0 Datasheet HTML 44Page - Powertip Technology PC12864ARS-0 Datasheet HTML 45Page - Powertip Technology PC12864ARS-0 Datasheet HTML 46Page - Powertip Technology PC12864ARS-0 Datasheet HTML 47Page - Powertip Technology PC12864ARS-0 Datasheet HTML 48Page - Powertip Technology PC12864ARS-0 Datasheet HTML 49Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
ST7066U
V2.0
2001/03/01
22/42
!"
Reset Function
Initializing by Internal Reset Circuit
An internal reset circuit automatically initializes the ST7066U when the power is turned on. The
following instructions are executed during the initialization. The busy flag (BF) is kept in the busy state
until the initialization ends (BF = 1). The busy state lasts for 40 ms after VCC rises to 4.5 V.
1. Display clear
2. Function set:
DL = 1; 8-bit interface data
N = 0; 1-line display
F = 0; 5x8 dot character font
3. Display on/off control:
D = 0; Display off
C = 0; Cursor off
B = 0; Blinking off
4. Entry mode set:
I/D = 1; Increment by 1
S = 0; No shift
Note:
If the electrical characteristics conditions listed under the table Power Supply Conditions Using
Internal Reset Circuit are not met, the internal reset circuit will not operate normally and will fail
to initialize the ST7066U. For such a case, initialization must be performed by the MPU as
explain by the following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com