Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M39832
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M39832 Datasheet HTML 4Page - STMicroelectronics M39832 Datasheet HTML 5Page - STMicroelectronics M39832 Datasheet HTML 6Page - STMicroelectronics M39832 Datasheet HTML 7Page - STMicroelectronics M39832 Datasheet HTML 8Page - STMicroelectronics M39832 Datasheet HTML 9Page - STMicroelectronics M39832 Datasheet HTML 10Page - STMicroelectronics M39832 Datasheet HTML 11Page - STMicroelectronics M39832 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
EF
EE
G
W
Operation
VIL
VIH
VIL
VIH
Read in Flash Array
VIH
VIL
VIL
VIH
Read in EEPROM Array
VIL
VIH
VIH
VIL
Write in Flash Array
VIH
VIL
VIH
VIL
Write in EEPROM Array
VIL
VIH
VIH
VIH
Output Disable, DQn = Hi-Z
VIH
VIL
VIH
VIH
Output Disable, DQn = Hi-Z
VIH
VIH
X
X
Standby, DQn = Hi-Z
Note: X = VIL or VIH.
Table 4. Basic Operations
Write Enable (W). Addresses are latched on the
falling edge of W, and Data Inputs are latched on
the rising edge of W.
EEPROM Ready/Busy (ERB) . The EEPROM
Ready/Busy pin outputs the status of the device
when the EEPROM memory array is under the
write condition
–ERB = ’0’: internal writing is in process,
–ERB = ’1’: no internal writing in in process.
This status pin can be used when reading (or
fetching opcodes) in the Flash memory array.
The EEPROM Ready/Busy output uses an open
drain transistor, allowing therefore the use of the
M39832 in multi-memory applications with all
Ready/Busy outputs connected to a single
Ready/Busy line (OR-wired with an external pull-up
resistor).
Flash Ready/Busy (FRB). Flash Ready/Busy is an
open-drain output and gives the internal state of
Flash array. When FRB is Low, the Flash array is
Busy with a Program or Erase operation and it will
not accept any additional program or erase instruc-
tions except the Erase Suspend instruction. When
FRB is High, the Flash array is ready for any Read,
Program or Erase operation. The FRB will also be
High when the Flash array is put in Erase Suspend
or Standby modes.
Reset/Block Temporary Unprotect Input (RP).
The RP Input provides hardware reset of the Flash
array and temporary unprotection of the protected
Flash block(s). Reset of the Flash array
is
acheived by pulling RP to VIL for at least tPLPX.
When the reset pulse is given while the Flash array
is in Read or Standby modes, it will be available for
new operations in tPHEL after the rising edge of RP.
If the Flash array is in Erase, Erase Suspend or
Program modes the reset will take tPLYH during
which the FRB signal will be held at VIL. The end
of the Flash array reset will be indicated by the
rising edge of FRB. A hardware reset during an
Erase or Program operation will corrupt the data
being programmed or the block(s) being erased.
See Table 14 and Figure 9. Temporary block unpro-
tection is made by holding RP at VID. In this condi-
tio n, pr ev iously protected bloc ks can be
programmed or erased. The transition of RP from
VIH to VID must be slower than tPHPHH. See Table
15 and Figure 9. When RP is returned from VID to
VIH all blocks temporarily unprotected will be again
protected.
OPERATIONS
An operation is defined as the basic decoding of
the logic level applied to the control input pins (EF,
EE, G, W) and the specified voltages applied on
the relevant address pins. These operations are
detailed in Table 3.
Read. Both Chip Enable and Output Enable (that
is EF and G or EE and G) must be low in order to
read the output of the memory.
Read operations are used to output the contents
from the Flash or EEPROM array, the Manufacturer
identifier, the Flash Block protection Status, the
Flash Identifier, the EEPROM identifier or the OTP
row content.
Notes:
– The Chip Enable input mainly provides power
control and should be used for device selection.
The Output Enable input should be used to gate
data onto the output in combination with active
EF or EE input signals.
– The data read depends on the previous instruc-
tion entered into the memory.
8/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com