Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832 Datasheet(PDF) 29 Page - STMicroelectronics

Part # M39832
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M39832 Datasheet HTML 25Page - STMicroelectronics M39832 Datasheet HTML 26Page - STMicroelectronics M39832 Datasheet HTML 27Page - STMicroelectronics M39832 Datasheet HTML 28Page - STMicroelectronics M39832 Datasheet HTML 29Page - STMicroelectronics M39832 Datasheet HTML 30Page - STMicroelectronics M39832 Datasheet HTML 31Page - STMicroelectronics M39832 Datasheet HTML 32Page - STMicroelectronics M39832 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Symbol
Alt
Parameter
M39832
Unit
-120
-150
Min
Max
Min
Max
tWLWL
tBLC
Byte Load Cycle (EEPROM)
0.2
150
0.2
150
µs
tWHRH
tWC
Write Cycle Time (EEPROM)
10
10
ms
tAVAV
Address Valid to Next Address Valid
120
150
ns
tWLEL
tWS
Write Enable Low to Memory Block Enable Low
0
0
ns
tELEH
tCP
Memory Block Enable Low to Memory Block
Enable High
50
65
ns
tDVEH
tDS
Input Valid to Memory Block Enable High
50
65
ns
tEHDX
tDH
Memory Block Enable High to Input Transition
0
0
ns
tEHWH
tWH
Memory Block Enable High to Write Enable High
0
0
ns
tEHEL
tCPH
Memory Block Enable High to Memory Block
Enable Low
30
35
ns
tAVEL
tAS
Address Valid to Memory Block Enable Low
0
0
ns
tELAX
tAH
Memory Block Enable Low to Address Transition
50
65
ns
tGHEL
Output Enable High to Memory Block Enable Low
0
0
ns
tVCHWL
tVCS
VCC High to Write Enable Low
50
50
µs
tEHQV1
(1)
Memory Block Enable High to Output Valid
(Program)
15
15
µs
tEHQV2
(1)
Memory Block Enable High to Output Valid
(Sector Erase)
2.0
30
2.0
30
sec
tEHGL
tOEH
Memory Block Enable High to Output Enable Low
0
0
ns
tEHRL
(2)
tDB
EEPROM Block Enable High to Ready/Busy Output
Low
150
150
ns
Notes: 1. Time is measured to Data Polling or Toggle Bit, tWHQV = tWHQ7V + tQ7VQV.
2. With a 3.3K
Ω pull-up resistor.
Table 15. Write AC Characteristics, EE or EF Controlled
(TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7V to 3.6V)
29/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com