Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M39832
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M39832 Datasheet HTML 10Page - STMicroelectronics M39832 Datasheet HTML 11Page - STMicroelectronics M39832 Datasheet HTML 12Page - STMicroelectronics M39832 Datasheet HTML 13Page - STMicroelectronics M39832 Datasheet HTML 14Page - STMicroelectronics M39832 Datasheet HTML 15Page - STMicroelectronics M39832 Datasheet HTML 16Page - STMicroelectronics M39832 Datasheet HTML 17Page - STMicroelectronics M39832 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
READ
Read operations and instructions can be used to:
– read the contents of the Memory Array (Flash
and EEPROM)
– read the status bits and identifiers.
Read data (Flash and EEPROM)
Both Chip Enable EF (or EE) and Output Enable
(G) must be low in order to read the data from the
memory.
Read the Manufacturer Identifier
The manufacturer’s identifier can be read with two
methods: a Read operation or a Read instruction.
Read Operation. The manufacturer’s identifier can
be read with a Read operation with specific logic
levels applied on A0, A1, A6 and the VID level on
A9 (See Table 7).
Read Instruction. The manufacturer’s identifier
can also be read with a single read operation
immediatly following the AS instruction (See Table
5A and Table 7).
Read the Flash Identifier
The Flash identifier can be read with two methods:
a Read operation or a Read instruction.
Read Operation. The Flash identifier can be read
with a single Read operation with specific logic
levels applied on A0, A1, A6 and the VID level on
A9 (See Table 7).
Read Instruction. The Flash identifier can also be
read with a single read operation immediatly follow-
ing the AS instruction (See Table 5A and Table 7).
AI01699B
WRITE AAh in
Address 5555h
WRITE 55h in
Address 2AAAh
WRITE 80h in
Address 5555h
Unprotected State
after
tWC (Write Cycle time)
WRITE AAh in
Address 5555h
WRITE 55h in
Address 2AAAh
WRITE 20h in
Address 5555h
Page
Write
Instruction
Figure 5. EEPROM SDP disable Flowchart
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO
Figure 6. EEPROM and Flash Data Polling
Flowchart
14/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com